Electronic Components Datasheet Search
  English  ▼

X  

AD7191 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7191
Description  Sigma-Delta ADC for Bridge Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7191 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7191 Datasheet HTML 7Page - Analog Devices AD7191 Datasheet HTML 8Page - Analog Devices AD7191 Datasheet HTML 9Page - Analog Devices AD7191 Datasheet HTML 10Page - Analog Devices AD7191 Datasheet HTML 11Page - Analog Devices AD7191 Datasheet HTML 12Page - Analog Devices AD7191 Datasheet HTML 13Page - Analog Devices AD7191 Datasheet HTML 14Page - Analog Devices AD7191 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AD7191
Rev. A | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
8,388,270
8,388,275
8,388,280
8,388,285
8,388,290
8,388,295
0
200
400
600
800
1000
SAMPLE
Figure 5. Noise (VREF = AVDD, Output Data Rate = 10 Hz,
Gain = 128)
0
50
100
150
CODE
Figure 6. Noise Distribution Histogram
(VREF = AVDD, Output Data Rate = 10 Hz, Gain = 128)
8,388,240
8,388,250
8,388,260
8,388,270
8,388,280
8,388,290
8,388,300
8,388,310
8,388,320
8,388,330
0
200
400
600
800
1000
SAMPLE
Figure 7. Noise (VREF = AVDD, Output Data Rate = 120 Hz,
Gain = 128)
0
10
20
30
40
50
CODE
Figure 8. Noise Distribution Histogram
(VREF = AVDD, Output Data Rate = 120 Hz, Gain = 128)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com