Electronic Components Datasheet Search
  English  ▼

X  

AD7191 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7191
Description  Sigma-Delta ADC for Bridge Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7191 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7191 Datasheet HTML 13Page - Analog Devices AD7191 Datasheet HTML 14Page - Analog Devices AD7191 Datasheet HTML 15Page - Analog Devices AD7191 Datasheet HTML 16Page - Analog Devices AD7191 Datasheet HTML 17Page - Analog Devices AD7191 Datasheet HTML 18Page - Analog Devices AD7191 Datasheet HTML 19Page - Analog Devices AD7191 Datasheet HTML 20Page - Analog Devices AD7191 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AD7191
Rev. A | Page 17 of 20
tolerant to decoupling capacitors on REFIN(+) without
introducing gain errors in the system. Deriving the reference
input voltage across an external resistor means that the
reference input sees a significant external source impedance.
External decoupling on the REFIN pins is not recommended in
this type of circuit configuration.
DIGITAL INTERFACE
The serial interface of the AD7191 consists of two signals: SCLK
and DOUT/RDY. SCLK is the serial clock input for the device,
and data transfers occur with respect to the SCLK signal. The
DOUT/RDY pin is dual purpose: it functions as a data ready pin
and as a data output pin. DOUT/RDY goes low when a new
data-word is available in the output register. A 24-bit word is
placed on the DOUT/RDY pin when sufficient SCLK pulses are
applied.
DOUT/RDY is reset high when the conversion has been read. If
the conversion is not read, DOUT/RDY goes high prior to the
next data register update to indicate when not to read from the
device. This ensures that a read operation is not attempted while
the register is being updated. Each conversion can be read only
once. The data register is updated for every conversion. Thus,
when a conversion is complete, the serial interface is reset, and
the new conversion is placed in the data register. Therefore, the
user must ensure that the complete word is read before the next
conversion is complete.
When PDOWN is high, the DOUT/RDY pin is tristated. When
PDOWN is taken low, the internal clock requires 1 ms approx-
imately to power up. Following this, the ADC continuously
converts. The first conversion requires the complete settling
time. DOUT/RDY goes high when PDOWN is taken low and
returns low only when a conversion is available. The ADC then
converts continuously, and subsequent conversions are available
at the selected output data rate.
shows the timing for a
read operation from the AD7191.
Figure 3
When the output data rate, gain, channel, or clock source is
changed, the modulator and filter are reset immediately.
DOUT/RDY is set high.
The ADC then begins conversions using the new configuration.
DOUT/RDY remains high until the appropriate settling time
for the filter elapses. Therefore, any read operations should be
completed before changing the operating conditions or channel.
Otherwise, all 1s are read back from the AD7191 as the
DOUT/RDY pin is set high following the channel change or
configuration change.
GROUNDING AND LAYOUT
Because the analog inputs and reference input on the AD7191
are differential, most of the voltages in the analog modulator
are common-mode voltages. The excellent common-mode reject-
tion of the part removes common-mode noise on these inputs.
The analog and digital supplies to the AD7191 are independent
and separately pinned out to minimize coupling between the
analog and digital sections of the device. The AD7191 can be
operated with 5 V analog and 3 V digital supplies or vice versa.
The digital filter provides rejection of broadband noise on the
power supplies, except at integer multiples of the modulator
sampling frequency. A simple R-C low-pass filter on the analog
inputs rejects any interference at the clock frequency. The
digital filter also removes noise from the analog and reference
inputs, provided that these noise sources do not saturate the
analog modulator. As a result, the AD7191 is more immune to
noise interference than a conventional high resolution
converter. However, because the resolution of the AD7191 is so
high, and the noise levels from the AD7191 are so low, care
must be taken with regard to grounding and layout.
The printed circuit board should be designed such that the
analog and digital sections are separated and confined to
certain areas of the board. This facilitates the use of ground
planes that can be easily separated. A minimum etch technique
is generally best for ground planes because it gives the best
shielding.
Although the AD7191 has separate pins for analog and digital
ground, the AGND and DGND pins are tied together within
the device via the substrate. The user must not tie these pins
externally to separate ground planes unless the ground planes
are connected together near the AD7191.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com