Electronic Components Datasheet Search
  English  ▼

X  

AD7191 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7191
Description  Sigma-Delta ADC for Bridge Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7191 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7191 Datasheet HTML 13Page - Analog Devices AD7191 Datasheet HTML 14Page - Analog Devices AD7191 Datasheet HTML 15Page - Analog Devices AD7191 Datasheet HTML 16Page - Analog Devices AD7191 Datasheet HTML 17Page - Analog Devices AD7191 Datasheet HTML 18Page - Analog Devices AD7191 Datasheet HTML 19Page - Analog Devices AD7191 Datasheet HTML 20Page - Analog Devices AD7191 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
AD7191
Rev. A | Page 18 of 20
In systems where the AGND and DGND pins are connected
somewhere else in the system(that is, at the system power
supply), they should not be connected again at the AD7191
because a ground loop results. In these situations, it is
recommended that the AD7191 AGND and DGND pins be tied
to the AGND plane. In any layout, it is important that the user
keep in mind the flow of currents in the system, ensuring that
the return paths for all currents are as close as possible to the
paths the currents took to reach their destinations. Avoid
forcing digital currents to flow through the AGND sections of
the layout.
Avoid running digital lines under the device because these
couple noise onto the die. The analog ground plane should be
allowed to run under the AD7191 to prevent noise coupling.
The power supply lines to the AD7191 should use as wide a
trace as possible to provide low impedance paths and reduce
the effects of glitches on the power supply line. Fast switching
signals like clocks should be shielded with digital ground to
avoid radiating noise to other sections of the board, and clock
signals should never be run near the analog inputs. Avoid
crossover of digital and analog signals. Traces on opposite
sides of the board should run at right angles to each other.
This reduces the effects of feedthrough through the board.
A microstrip technique is by far the best but is not always
possible with a double-sided board. In this technique, the
component side of the board is dedicated to ground planes,
and signals are placed on the solder side.
Good decoupling is important when using high resolution
ADCs. All analog supplies should be decoupled with 10 μF
tantalum capacitors in parallel with 0.1 μF capacitors to AGND.
To achieve the best from these decoupling components, they
have to be placed as close as possible to the device, ideally right
up against the device. All logic chips should be decoupled with
0.1 μF ceramic capacitors to DGND. In systems where a
common supply voltage is used to drive both the AVDD and
DVDD of the AD7191, it is recommended that the system AVDD
supply be used. This supply should have the recommended
analog supply decoupling capacitors between the AVDD pin of
the AD7191 and AGND, and the recommended digital supply
decoupling capacitor between the DVDD pin of the AD7191 and
DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com