Electronic Components Datasheet Search
  English  ▼

X  

AD7191 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7191
Description  Sigma-Delta ADC for Bridge Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7191 Datasheet(HTML) 1 Page - Analog Devices

  AD7191 Datasheet HTML 1Page - Analog Devices AD7191 Datasheet HTML 2Page - Analog Devices AD7191 Datasheet HTML 3Page - Analog Devices AD7191 Datasheet HTML 4Page - Analog Devices AD7191 Datasheet HTML 5Page - Analog Devices AD7191 Datasheet HTML 6Page - Analog Devices AD7191 Datasheet HTML 7Page - Analog Devices AD7191 Datasheet HTML 8Page - Analog Devices AD7191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Pin-Programmable, Ultralow Noise, 24-Bit,
Sigma-Delta ADC for Bridge Sensors
AD7191
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesfor itsuse,norfor anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Pin-programmable output rate
Output data rate: 10 Hz, 50 Hz, 60 Hz, 120 Hz
Pin-programmable PGA
Gain: 1, 8, 64, 128
Pin-programmable power-down and reset
RMS noise: 15 nV @ 10 Hz (gain = 128)
Up to 21.5 noise free bits (gain = 1)
Internal or external clock
Bridge power-down switch
Offset drift: 5 nV/°C
Gain drift: 1 ppm/°C
Specified drift over time
Simultaneous 50 Hz/60 Hz rejection
Internal temperature sensor
Power supply: 3 V to 5.25 V
Current: 4.35 mA
Temperature range: –40°C to +105°C
Package: 24-lead TSSOP
INTERFACE
2-wire serial
SPI, QSPI™, and MICROWIRE™ compatible
Schmitt trigger on SCLK
APPLICATIONS
Weigh scales
Strain gauge transducers
Pressure measurement
Medical and scientific instrumentation
GENERAL DESCRIPTION
The AD7191 is a low noise, complete analog front end for high
precision measurement applications. It contains a low noise,
24-bit sigma-delta (Σ-Δ) ADC. The on-chip low noise gain
stage means that signals of small amplitude can be interfaced
directly to the ADC. It contains two differential analog inputs.
The part also includes a temperature sensor that can be used for
temperature compensation.
For ease-of-use, all the features of the AD7191 are controlled by
dedicated pins. The on-chip PGA has a gain of 1, 8, 64, or 128,
supporting a full-scale differential input of ±5 V, ±625 mV,
±78 mV, or ±39 mV. The output data rate can be programmed
to 10 Hz, 50 Hz, 60 Hz, or 120 Hz. Simultaneous 50 Hz and 60 Hz
rejection is obtained when the output data rate is set to 10 Hz
or 50 Hz; 60 Hz only rejection is obtained when the output data
rate is set to 60 Hz. The AD7191 can be operated with the
internal clock, or an external clock can be used.
The part operates with a power supply of 3 V to 5.25 V. It
consumes a current of 4.35 mA. It is available in a 24-lead
TSSOP package.
FUNCTIONAL BLOCK DIAGRAM
MUX
AD7191
AIN1
DOUT/RDY
SCLK
PDOWN
CHAN
CLKSEL
PGA2
PGA1
AGND
DGND
REFIN(+) REFIN(–)
AVDD
DVDD
AIN2
AIN3
AIN4
BPDSW
MCLK1
MCLK2
ODR2 ODR1 TEMP
TEMPERATURE
SENSOR
CLOCK
CIRCUITRY
PGA
SERIAL
INTERFACE
AND CONTROL
LOGIC
Σ-Δ
ADC
Figure 1.


Similar Part No. - AD7191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7191 AD-AD7191 Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7191BRUZ AD-AD7191BRUZ Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
AD7191BRUZ-REEL AD-AD7191BRUZ-REEL Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
More results

Similar Description - AD7191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7796 AD-AD7796 Datasheet
552Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC for Bridge Sensors
8/06-Rev. 0 to Rev. A.
AD7191 AD-AD7191 Datasheet
381Kb / 20P
Pin-Programmable, Ultralow Noise, 24-Bit, Sigma-Delta ADC for Bridge Sensors
REV. A
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
1bit Delta-Sigma Stereo ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
IMPLEMENTATION OF SIGMA-DELTA ADC
Rev. 1.0
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
AD7796 AD-AD7796_17 Datasheet
478Kb / 24P
Sigma-Delta ADC for Bridge Sensors Low Power
3/16-Rev. A to Rev. B
logo
Texas Instruments
ADS1235 TI1-ADS1235 Datasheet
1Mb / 76P
Precision, 3-Channel, Differential-Input, 7200-SPS, 24-Bit Delta-Sigma ADC for Bridge Sensors
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
20-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com