Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7944
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 4 Page - Analog Devices

  AD7944 Datasheet HTML 1Page - Analog Devices AD7944 Datasheet HTML 2Page - Analog Devices AD7944 Datasheet HTML 3Page - Analog Devices AD7944 Datasheet HTML 4Page - Analog Devices AD7944 Datasheet HTML 5Page - Analog Devices AD7944 Datasheet HTML 6Page - Analog Devices AD7944 Datasheet HTML 7Page - Analog Devices AD7944 Datasheet HTML 8Page - Analog Devices AD7944 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
AD7944
Rev. C | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = 2.5 V, BVDD = 5 V, VIO = 1.8 V to 2.7 V, VREF = 4.096 V, TA = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ANALOG INPUT
Voltage Range
(IN+) − (IN−)
0
VREF
V
Absolute Input Voltage
IN+
−0.1
VREF + 0.1
V
IN−
−0.1
+0.1
V
Leakage Current at 25°C
Acquisition phase
250
nA
Input Impedance
See the Analog Inputs section
ACCURACY
No Missing Codes
14
Bits
Differential Nonlinearity Error, DNL
−0.90
±0.25
+0.90
LSB1
Integral Nonlinearity Error, INL
−1.00
±0.25
+1.00
LSB1
Transition Noise
0.4
LSB1
Gain Error2
TMIN to TMAX
−15
±2
+15
LSB1
Gain Error Temperature Drift
±0.8
ppm/°C
Zero Error2
TMIN to TMAX
−0.65
±0.08
+0.65
mV
Zero Error Temperature Drift
0.55
ppm/°C
Power Supply Sensitivity3
AVDD = 2.5 V ± 5%
84.3
dB
THROUGHPUT
Conversion Rate
0
2.5
MSPS
Transient Response
Full-scale step
100
ns
AC ACCURACY3
Dynamic Range
VREF = 4.096 V, internal reference
83.5
84.5
dB
VREF = 5.0 V, external reference
84
85
dB
Signal-to-Noise Ratio, SNR
fIN = 20 kHz
VREF = 4.096 V, internal reference
83.5
84
dB
VREF = 5.0 V, external reference
84
84.5
dB
Spurious-Free Dynamic Range, SFDR
fIN = 20 kHz
103
dB
Total Harmonic Distortion, THD
fIN = 20 kHz, VREF = 4.096 V, internal
reference
−102
dB
Signal-to-Noise-and-Distortion Ratio,
SINAD
fIN = 20 kHz, VREF = 4.096 V
84
dB
SAMPLING DYNAMICS
−3 dB Input Bandwidth
19
MHz
Aperture Delay
0.7
ns
1
LSB means least significant bit. With the 4.096 V input range, one LSB is 250 µV.
2
See the Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.
3
All specifications expressed in decibels are referred to a full-scale input FSR and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com