Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7944
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7944 Datasheet HTML 19Page - Analog Devices AD7944 Datasheet HTML 20Page - Analog Devices AD7944 Datasheet HTML 21Page - Analog Devices AD7944 Datasheet HTML 22Page - Analog Devices AD7944 Datasheet HTML 23Page - Analog Devices AD7944 Datasheet HTML 24Page - Analog Devices AD7944 Datasheet HTML 25Page - Analog Devices AD7944 Datasheet HTML 26Page - Analog Devices AD7944 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AD7944
Data Sheet
Rev. C | Page 22 of 28
CS MODE, 4-WIRE WITH BUSY INDICATOR
This mode is usually used when a single AD7944 is connected
to an SPI-compatible digital host with an interrupt input and
when it is desired to keep CNV, which is used to sample the
analog input, independent of the signal used to select the data
reading. This independence is particularly important in applica-
tions where low jitter on CNV is desired. This mode is available
only in normal conversion mode (TURBO low). The connection
diagram is shown in Figure 32, and the corresponding timing is
given in Figure 33.
With SDI high, a rising edge on CNV initiates a conversion,
selects CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase and
the subsequent data readback. (If SDI and CNV are low, SDO is
driven low.) Prior to the minimum conversion time, SDI can be
used to select other SPI devices, such as analog multiplexers, but
SDI must be returned low before the minimum conversion time
elapses and then held low for the maximum possible conversion
time to guarantee the generation of the busy signal indicator.
When the conversion is complete, SDO goes from high imped-
ance to low impedance. With a pull-up on the SDO line, this
transition can be used as an interrupt signal to initiate the data
readback controlled by the digital host. The AD7944 then enters
the acquisition phase and powers down. The data bits are then
clocked out, MSB first, by subsequent SCK falling edges. The
data is valid on both SCK edges. Although the rising edge can
be used to capture the data, a digital host using the SCK falling
edge allows a faster reading rate, provided that it has an accept-
able hold time. After the optional 15th SCK falling edge or when
SDI goes high (whichever occurs first), SDO returns to high
impedance.
Figure 32. CS Mode, 4-Wire with Busy Indicator Connection Diagram
Figure 33. CS Mode, 4-Wire with Busy Indicator Serial Interface Timing
AD7944
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
IRQ
VIO
47kΩ
CS1
TURBO
(I/O QUIET
TIME)
SDO
D13
D12
D1
D0
tDIS
tQUIET
SCK
1
2
3
13
14
15
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
SDI
CNV
tSSDICNV
tHSDICNV
TURBO = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com