Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7944
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7944 Datasheet HTML 8Page - Analog Devices AD7944 Datasheet HTML 9Page - Analog Devices AD7944 Datasheet HTML 10Page - Analog Devices AD7944 Datasheet HTML 11Page - Analog Devices AD7944 Datasheet HTML 12Page - Analog Devices AD7944 Datasheet HTML 13Page - Analog Devices AD7944 Datasheet HTML 14Page - Analog Devices AD7944 Datasheet HTML 15Page - Analog Devices AD7944 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD7944
Rev. C | Page 11 of 28
Figure 17. SNR vs. Input Level
Figure 18. Operating Current vs. Supply Voltage
Figure 19. Operating Current vs. Temperature
Figure 20. Power-Down Current vs. Temperature
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
INPUT LEVEL (dBFS)
80
81
82
83
84
85
86
87
88
89
90
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.375
2.625
IAVDD
IDVDD
IVIO
IBVDD
IREF
2.575
2.525
2.475
2.425
AVDD AND DVDD VOLTAGE (V)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–55
–35
–15
5
25
45
65
85
105
125
IAVDD
IBVDD
IREF
TEMPERATURE (°C)
14
12
10
8
6
4
2
0
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
IAVDD + IDVDD + IVIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com