Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7944
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7944 Datasheet HTML 10Page - Analog Devices AD7944 Datasheet HTML 11Page - Analog Devices AD7944 Datasheet HTML 12Page - Analog Devices AD7944 Datasheet HTML 13Page - Analog Devices AD7944 Datasheet HTML 14Page - Analog Devices AD7944 Datasheet HTML 15Page - Analog Devices AD7944 Datasheet HTML 16Page - Analog Devices AD7944 Datasheet HTML 17Page - Analog Devices AD7944 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Data Sheet
AD7944
Rev. C | Page 13 of 28
THEORY OF OPERATION
Figure 21. ADC Simplified Schematic
CIRCUIT INFORMATION
The AD7944 is a fast, low power, single-supply, precise, 14-bit
ADC using a successive approximation architecture. The AD7944
features different modes to optimize performance according to the
application. In turbo mode, the AD7944 is capable of converting
2,500,000 samples per second (2.5 MSPS).
The AD7944 provides the user with an on-chip track-and-hold
and does not exhibit any pipeline delay or latency, making it
ideal for multiple multiplexed channel applications.
The AD7944 can be interfaced to any 1.8 V to 2.7 V digital logic
family. It is available in a space-saving 20-lead LFCSP that allows
flexible configurations. It is pin-for-pin compatible with the
16-bit AD7985 and the 18-bit AD7986.
CONVERTER OPERATION
The AD7944 is a successive approximation ADC based on a
charge redistribution DAC. Figure 21 shows the simplified
schematic of the ADC. The capacitive DAC consists of two
identical arrays of 14 binary-weighted capacitors that are
connected to the two comparator inputs.
During the acquisition phase, the terminals of the array tied to
the input of the comparator are connected to AGND via SW+
and SW−. All independent switches are connected to the analog
inputs. Therefore, the capacitor arrays are used as sampling
capacitors and acquire the analog signal on the IN+ and IN−
inputs. When the acquisition phase is completed and the CNV
input goes high, a conversion phase is initiated.
When the conversion phase begins, SW+ and SW− are opened
first. The two capacitor arrays are then disconnected from the
analog inputs and connected to the REFGND input. Therefore,
the differential voltage between the IN+ and IN− inputs captured at
the end of the acquisition phase is applied to the comparator
inputs, causing the comparator to become unbalanced. By switch-
ing each element of the capacitor array between REFGND and
REF, the comparator input varies by binary-weighted voltage
steps (VREF/2, VREF/4, … VREF/16,384). The control logic toggles
these switches, starting with the MSB, to bring the comparator
back into a balanced condition. After the completion of this
process, the part returns to the acquisition phase, and the control
logic generates the ADC output code and a busy signal indicator.
Because the AD7944 has an on-board conversion clock, the
serial clock, SCK, is not required for the conversion process.
CONVERSION MODES OF OPERATION
The AD7944 features two conversion modes of operation:
turbo and normal. Turbo conversion mode (TURBO high)
allows the fastest conversion rate of up to 2.5 MSPS and does
not power down between conversions. The first conversion in
turbo mode should be ignored because it contains meaningless
data. For applications that require lower power and slightly
slower sampling rates, the normal conversion mode (TURBO
low) allows a maximum conversion rate of 2.0 MSPS and
powers down between conversions. The first conversion in
normal mode contains meaningful data.
COMP
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
CONTROL
LOGIC
SW+
LSB
SW–
LSB
IN+
IN–
MSB
MSB
C
C
4C
2C
C
C
4C
2C
REF
REFGND
4096C
8192C
4096C
8192C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com