Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7944
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7944 Datasheet HTML 7Page - Analog Devices AD7944 Datasheet HTML 8Page - Analog Devices AD7944 Datasheet HTML 9Page - Analog Devices AD7944 Datasheet HTML 10Page - Analog Devices AD7944 Datasheet HTML 11Page - Analog Devices AD7944 Datasheet HTML 12Page - Analog Devices AD7944 Datasheet HTML 13Page - Analog Devices AD7944 Datasheet HTML 14Page - Analog Devices AD7944 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD7944
Data Sheet
Rev. C | Page 10 of 28
Figure 11. FFT Plot (External Reference)
Figure 12. SNR, SINAD, and ENOB vs. Reference Voltage
Figure 13. SINAD vs. Frequency
Figure 14. FFT Plot (Internal Reference)
Figure 15. THD vs. Reference Voltage
Figure 16. THD vs. Frequency
0
250
500
750
1000
1250
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (kHz)
fS = 2.5MSPS
fIN = 20kHz
SNR = 84.65dB
THD = –100dB
SINAD = 84.5dB
12.0
12.5
13.0
13.5
14.0
14.5
15.0
78
79
80
81
82
83
84
2.5
3.0
3.5
4.0
4.5
5.0
REFERENCE VOLTAGE (V)
SINAD
ENOB
SNR
80.0
80.5
81.0
81.5
82.0
82.5
83.0
83.5
84.0
84.5
85.0
1
10
100
1000
FREQUENCY (kHz)
0
250
500
750
1000
1250
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (kHz)
fS = 2.5MSPS
fIN = 20kHz
SNR = 84dB
THD = –102dB
SINAD = 84dB
–105
–104
–103
–102
–101
–100
2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00
REFERENCE VOLTAGE (V)
–110
–105
–100
–95
–90
–85
–80
1
10
100
1000
FREQUENCY (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com