Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7944
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7944 Datasheet HTML 6Page - Analog Devices AD7944 Datasheet HTML 7Page - Analog Devices AD7944 Datasheet HTML 8Page - Analog Devices AD7944 Datasheet HTML 9Page - Analog Devices AD7944 Datasheet HTML 10Page - Analog Devices AD7944 Datasheet HTML 11Page - Analog Devices AD7944 Datasheet HTML 12Page - Analog Devices AD7944 Datasheet HTML 13Page - Analog Devices AD7944 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD7944
Rev. C | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = DVDD = VIO = 2.5 V, BVDD = 5.0 V, VREF = 5.0 V, external reference (PDREF is high, REFIN is low), unless otherwise noted.
Figure 5. Integral Nonlinearity vs. Code
Figure 6. Histogram of DC Input at Code Center (External Reference)
Figure 7. Histogram of DC Input at Code Center (Internal Reference)
Figure 8. Differential Nonlinearity vs. Code
Figure 9. Histogram of DC Input at Code Transition (External Reference)
Figure 10. Histogram of DC Input at Code Transition (Internal Reference)
0
4096
8192
12,288
16,384
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
CODE
POSITIVE INL = +0.12 LSB
NEGATIVE INL = –0.20 LSB
0
0
2
4899
149
0
0
0
0
20,000
40,000
60,000
80,000
100,000
120,000
140,000
8188
8189
8190
8191
8192
8193
8194
8195
8196
CODE IN HEX
126,022
0
0
2
5236
1438
0
0
0
0
20,000
40,000
60,000
80,000
100,000
120,000
140,000
8188
8189
8190
8191
8192
8193
8194
8195
8196
CODE IN HEX
124,396
0
4096
8192
12,288
16,384
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
CODE
POSITIVE DNL = +0.11LSB
NEGATIVE DNL = –0.11LSB
0
0
324
62,982
0
0
0
0
10,000
20,000
30,000
40,000
50,000
60,000
80,000
70,000
8188
8189
8190
8191
8192
8193
8194
8195
CODE IN HEX
67,766
0
0
7
63,238
2
0
0
0
10,000
20,000
30,000
40,000
50,000
60,000
70,000
80,000
8189
8190
8191
8192
8193
8194
8195
8196
CODE IN HEX
67,825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com