Electronic Components Datasheet Search
  English  ▼

X  

TMC2005 Datasheet(PDF) 12 Page - SMSC Corporation

Part # TMC2005
Description  5 Port HUB Controller Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 8Page - SMSC Corporation TMC2005 Datasheet HTML 9Page - SMSC Corporation TMC2005 Datasheet HTML 10Page - SMSC Corporation TMC2005 Datasheet HTML 11Page - SMSC Corporation TMC2005 Datasheet HTML 12Page - SMSC Corporation TMC2005 Datasheet HTML 13Page - SMSC Corporation TMC2005 Datasheet HTML 14Page - SMSC Corporation TMC2005 Datasheet HTML 15Page - SMSC Corporation TMC2005 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
SMSC DS – TMC2005
Page 12
Rev. 10/24/2000
Option Feature for Jitter Filtering
When any RX ports receive the bigger jitter than its allowance, the TMC2005 may fail to receive the data
correctly and the network may be down.. However the below method to escape is effective for the case that a
momentary big jitter occurs under a special condition like an optical transceiver.
1)
Big jitter (BJ) mode
The reference phase of the internal DPLL is changed from the first pulse to the second pulse by setting “0” to the
big jitter mode pins (nBJX). This setup is effective for the case that a big jitter occurs when rising up from DC state
as same as when using an optical transceiver with ATC function (refer to complement).
Note:
The delay time of the TMC2005 becomes 400nS (at 2.5Mbps) longer than the normal mode. The delay
time limits the maximum cable length and maximum node number.
[Complement] The big jitter may occur in the case of using an optical transceiver, especially an optical receiver that
has an ATC circuit that controls threshold level in proportion to received light strength. The first pulse especially
after long time idle has the big jitter but the second pulse is stabilized.
2)
Changing polar of RX port
In order to filter the jitter of edge in one side, it is effective to set reverse to pin SA, SB, SE to change the polarity of
RX port.
Note:
Changing the polarity of RX port makes the delay time of the TMC2005 circuit a half bit (200nS) longer
than original 2.5Mbps, and the delay time affects the maximum cable length and maximum node number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com