Electronic Components Datasheet Search
  English  ▼

X  

TMC2005 Datasheet(PDF) 29 Page - SMSC Corporation

Part # TMC2005
Description  5 Port HUB Controller Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 24Page - SMSC Corporation TMC2005 Datasheet HTML 25Page - SMSC Corporation TMC2005 Datasheet HTML 26Page - SMSC Corporation TMC2005 Datasheet HTML 27Page - SMSC Corporation TMC2005 Datasheet HTML 28Page - SMSC Corporation TMC2005 Datasheet HTML 29Page - SMSC Corporation TMC2005 Datasheet HTML 30Page - SMSC Corporation TMC2005 Datasheet HTML 31Page - SMSC Corporation TMC2005 Datasheet HTML 32Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
SMSC DS – TMC2005
Page 29
Rev. 10/24/2000
OPERATIONAL DESCRIPTION
MAXIMUM GUARANTEED RATINGS*
Stresses above those listed may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operational sections
of this specification is not implied.
(Note) When powering this device from laboratory or system power supplies, it is important that the Absolute
Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes or
“glitches” on their output when the AC power is switch on or off. In addition, voltage transients on the AC power line
may appear on the DC output. If this possibility exists it is suggested that a clamp circuit be used.
Vss = 0V
ITEM
SYMBOL
RATING
UNIT
POWER SUPPLY VOLTAGE
VDD
-0.3 +7.0
V
INPUT VOLTAGE
VIN
-0.3 VDD +0.3
V
OUTPUT VOLTAGE
VOUT
-0.3 VDD +0.3
V
AMBIENT TEMPERATURE
Tstg
-40 +125
°C
STANDARD OPERATING CONDITION
Vss = 0V
ITEM
SYMBOL
RATING
UNIT
POWER SUPPLY VOLTAGE
VDD
4.5 – 5.5
V
AMBIENT TEMPERATURE
Ta
0 - +85
°C
DC CHARACTERISTIC - INPUT PIN
SYMBOL
ITEM
CONDITION
MIN
MAX
UNIT
VIH
High Level Input Voltage
2.2
V
VIL
Low Level Input Voltage
0.8
V
IIH
High Level Input Current
VIN=VDD
-10
10
uA
IIL
Low Level Input Current
VIN=VSS
-10
10
uA
IIL
With pull-up
Vin=VSS
-200
-10
uA
IOZ
Output Leak Current
VOUT=VDD or VSS
-10
10
uA
IDD
Dissipation Current
Operating
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com