Electronic Components Datasheet Search
  English  ▼

X  

TMC2005 Datasheet(PDF) 11 Page - SMSC Corporation

Part # TMC2005
Description  5 Port HUB Controller Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 7Page - SMSC Corporation TMC2005 Datasheet HTML 8Page - SMSC Corporation TMC2005 Datasheet HTML 9Page - SMSC Corporation TMC2005 Datasheet HTML 10Page - SMSC Corporation TMC2005 Datasheet HTML 11Page - SMSC Corporation TMC2005 Datasheet HTML 12Page - SMSC Corporation TMC2005 Datasheet HTML 13Page - SMSC Corporation TMC2005 Datasheet HTML 14Page - SMSC Corporation TMC2005 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SMSC DS – TMC2005
Page 11
Rev. 10/24/2000
OPERATIONAL DESCRIPTION
Direction Determination
All TX ports are set to disable mode in the initial state. When a signal is received from any RX ports, the circuit
holds the port on receiving mode (disable TX) and changes the other ports to sending mode (disable RX). One
port stays in RX and the rest change into TX after all. The circuit initializes the internal DPLL on the timing of
received RX pulse, and the RX buffer circuit stores the RX data and filters its jitter. TX controlling circuit regenerates
the stored RX pulse on nPULSE1, nPULSE2 and nP1BAK. The nPULSE1 and nPULSE2 are pulse output pins for
transceivers (HYC9068S-SK/9088S-SK) of ARCNET normal mode. The nP1BAK is a pulse output pin for
transceiver (HYC2485S/2488S and RS485 driver) of ARCNET back plane mode. When using optical transceiver,
instead of these signals, TXENA [0:1], TXENB [0:1], EXTTX (MA, MB, ME = 0) must be used as TX data inputs of the
optical transceiver.
Direction Release
On ARCNET protocol, each TX message starts with 6-bits of “1” ALERT and each data byte is lead by three bits (1,
1, 0) preamble. To control the HUBs direction, the circuit monitors this bit pattern and holds the state. If the end of
the bit pattern comes, all TX ports return receiving mode (disable TX) again. The interval timer detects the end of
the bit pattern. During data is on line, silent period is less than 4 uS* because at least one bit “1” among 10-bits is
received while receiving the data. The minimum silent interval from the end of received data to the alert of the next
data (the minimum time of changing the direction) is the chip turn around time (12.6 uS*) of ARCNET controller.
The interval timer to detect the data end is set to 5.6uS by adding some margin to the above interval for neglecting
the reflection on a cable.
[Note] Numbers marked * are at 2.5Mbps operation.
Jitter Filter
To build a network with transceivers that introduce big jitter like ones for optical fiber, the old HUB that has direction
control only may cause a transmission error because jitters on each HUB are added when several HUBs were
connected in serial. The TMC2005 fixes that problem with jitter filtering and wave shaping through the following
three steps.
1)
Input Sampling
The TMC2005 samples a data on a network by eight times clock of the network data.
2)
Jitter Filtering (DPLL)
The TMC2005 filters the jitter (± 100nS at 2.5Mbps) of network data sampled by 8X clock through the internal digital
PLL and stores the data into the buffer.
3)
Wave Shaping Output
The TMC2005 re-synchronizes and regenerates the network data at the same clock as the data rate.
The capability of the jitter filtering is shown below.
DATA RATE
CAPABILITY OF JITTER FILTERING
10Mbps
± 25nS
5Mbps
± 50nS
2.5Mbps
± 100nS
1.25Mbps
± 200nS
625Kbps
± 400nS
312.5Kbps
± 800nS
156.25Kbps
± 1.6uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com