Electronic Components Datasheet Search
  English  ▼

X  

TMC2005 Datasheet(PDF) 27 Page - SMSC Corporation

Part # TMC2005
Description  5 Port HUB Controller Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 23Page - SMSC Corporation TMC2005 Datasheet HTML 24Page - SMSC Corporation TMC2005 Datasheet HTML 25Page - SMSC Corporation TMC2005 Datasheet HTML 26Page - SMSC Corporation TMC2005 Datasheet HTML 27Page - SMSC Corporation TMC2005 Datasheet HTML 28Page - SMSC Corporation TMC2005 Datasheet HTML 29Page - SMSC Corporation TMC2005 Datasheet HTML 30Page - SMSC Corporation TMC2005 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
SMSC DS – TMC2005
Page 27
Rev. 10/24/2000
Ring Network With the TMC2005
The reliability of the network can be improved by connecting every node in a ring, because the communication is
maintained through the reverse route even if the cable is cut at a point. However ARCNET controller alone can not
support ring, because ARCNET is a half-duplex communication system. Using HUBs makes possible for
ARCNET to built a ring network as in Fig.16. This configuration is available only for using fiber optics.
FIGURE 16 - RING CONFIGURATION
Note 1: Noise may cause an endless loop in a ring system, and the network may hang up. Therefore take care of
designing the patterns between TMC2005 and transceiver or cabling of system.
Example for system hang-up
-
A noise occurs only at “A” point in Figure 16.
-
The noise propagates clockwise on the network.
-
TMC2005 detects the noise that came back through the ring.
-
The noise causes an endless loop in the ring.
Example for no hang-up
-
Any noise occurs at “A” and “B” points in Figure 16 at the same time.
-
The noise propagates to both directions in the network.
-
An endless loop doesn’t occur because TMC2005s in the middle absorb the noise from both sides.
Note 2: Place a watch dog timer on one of the TMC2005 i n at least one ring. To protect from hang-up the detecting
time of the watch dog timer should be set to longer than 2.7 mS (@ 2.5Mbps) that is the burst time in the
ARCNET protocol.
Note 3: Consider that a total of each segment delay time (cable delay, TMC2005 delay, driver delay and receiver
delay) between HUBs in a network is less than 5.6uS (@ 2.5Mbps). The maxmimum distance between
HUBs is approximiately 1000m (@ 2.5Mbps).
TMC2005
COM20020
nRESET
CK
CT
TMC2005
COM20020
TMC2005
COM20020
TMC2005
COM20020
Optical Fiber
A
B
Optical Transceiver
TXEN of any port
TXEN
nRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com