Electronic Components Datasheet Search
  English  ▼

X  

TMC2005 Datasheet(PDF) 23 Page - SMSC Corporation

Part # TMC2005
Description  5 Port HUB Controller Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 19Page - SMSC Corporation TMC2005 Datasheet HTML 20Page - SMSC Corporation TMC2005 Datasheet HTML 21Page - SMSC Corporation TMC2005 Datasheet HTML 22Page - SMSC Corporation TMC2005 Datasheet HTML 23Page - SMSC Corporation TMC2005 Datasheet HTML 24Page - SMSC Corporation TMC2005 Datasheet HTML 25Page - SMSC Corporation TMC2005 Datasheet HTML 26Page - SMSC Corporation TMC2005 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
SMSC DS – TMC2005
Page 23
Rev. 10/24/2000
Method To Connect A Crystal Clock
Connect with external parts as follows:
FIGURE 11 - CONNECTING THE CRYSTAL CLOCK
Note 1: When designing a printed circuit board, keep the patterns as short as possible and don’t cross with other
patterns.
Note 2: When using an external clock like an oscillator module, connect it to XTLI pin and leave XTLO pin open.
When designing a printed circuit board, wire between XTLI pin and oscillator should be short as possible.
nPLLTST pin
nPLLTST must be connect toVDD. The rest of input pins have pull-up resistors built in, but nPLLTST pin does not
have the pull-up resistor. Clock signal cannot ditributed into the TMC2005 if nPLLTST pin is connected GND or is
left open.
TMC2005
19
20
XTLI
XTLO
Rfb
5.1K ohm
Rout 51ohm
XTAL
20MHz
Cin
22pF
Cout
22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com