Electronic Components Datasheet Search
  English  ▼

X  

TMC2005 Datasheet(PDF) 20 Page - SMSC Corporation

Part # TMC2005
Description  5 Port HUB Controller Device
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 16Page - SMSC Corporation TMC2005 Datasheet HTML 17Page - SMSC Corporation TMC2005 Datasheet HTML 18Page - SMSC Corporation TMC2005 Datasheet HTML 19Page - SMSC Corporation TMC2005 Datasheet HTML 20Page - SMSC Corporation TMC2005 Datasheet HTML 21Page - SMSC Corporation TMC2005 Datasheet HTML 22Page - SMSC Corporation TMC2005 Datasheet HTML 23Page - SMSC Corporation TMC2005 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
SMSC DS – TMC2005
Page 20
Rev. 10/24/2000
Example 8: A sixteen port HUB with four TMC2005s, eight optical transceivers, and eight HYC2485Ss links two
different physical layers; fiber optics and AC-485.
FIGURE 8 - APPLICATION EXAMPLE 8
Only the TMC2005s, and eight transceivers are indicated in the above figure. Connect the other pins adequately.
Note:
When connecting several TMC2005s on the same board with the open-drain outputs like Fig. 8, four
TMC2005s are maximum to connect and 5Mbps is the maximum data rate.
+5V
+5V
TODX270Aa
9
10
1
2
3
4
5
6
7
8
GN
DC
1
GN
DC
2
OUT
GND1
VCC1
GND2
GND3
LEDR
VCC2
IN
TODX270Aa
9
10
1
2
3
4
5
6
7
8
GN
DC
1
GN
DC
2
OUT
GND1
VCC1
GND2
GND3
LEDR
VCC2
IN
TODX270Aa
9
10
1
2
3
4
5
6
7
8
GN
DC
1
GN
DC
2
OUT
GND1
VCC1
GND2
GND3
LEDR
VCC2
IN
TODX270Aa
9
10
1
2
3
4
5
6
7
8
GN
DC
1
GN
DC
2
OUT
GND1
VCC1
GND2
GND3
LEDR
VCC2
IN
HYC2485Sa
1
2
3
4
5
6
7
8
Vref
VCC
nRXIN
PH_B
PH_A
GND
nTXEN
nPULSE1
HYC2485Sa
1
2
3
4
5
6
7
8
Vref
VCC
nRXIN
PH_B
PH_A
GND
nTXEN
nPULSE1
HYC2485Sa
1
2
3
4
5
6
7
8
Vref
VCC
nRXIN
PH_B
PH_A
GND
nTXEN
nPULSE1
HYC2485Sa
1
2
3
4
5
6
7
8
Vref
VCC
nRXIN
PH_B
PH_A
GND
nTXEN
nPULSE1
TMC2005
1 2 3 4 5 6 7 8 9
1112131415
16
17
18
10
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
TX
EN
B1NC
1 SE
NC
2 LE
EX
TR
X
ME
VS
S1
EX
TT
X
CK
O
VS
S2
CK
M2
CK
M1
CK
M0RXFLT
nPLLTST
VDD2
VD
D1
XTLI
XTLO
VSS4
VDD4
VDD3
AVDD
RO
LP
AGS
AVSS
VSS3
VSS5
nE
XT
OD
nM
BE
nM
BB
nM
BA
nB
JE
nB
JB
nB
JA
VS
S6
nR
ST
nC
KO
EN
VD
D5
nP
1B
AK
nP
UL
SE
2
nP
UL
SE
1
VS
S7
RXINA0
SA
TXENA0
LA
RXINA1
MA
TXENA1
VDD6
VSS8
RXINB0
SB
TXENB0
LB
RXINB1
MB
TMC2005
1 2 3 4 5 6 7 8 9
1112131415
16
17
18
10
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
TX
EN
B1NC
1 SE
NC
2 LE
EX
TR
X ME
VS
S1
EX
TT
X
CK
O
VS
S2
CK
M2
CK
M1
CK
M0RXFLT
nPLLTST
VDD2
VD
D1
XTLI
XTLO
VSS4
VDD4
VDD3
AVDD
RO
LP
AGS
AVSS
VSS3
VSS5
nE
XT
OD
nM
BE
nM
BB
nM
BA
nB
JE
nB
JB
nB
JA
VS
S6
nR
ST
nC
KO
EN
VD
D5
nP
1B
AK
nP
UL
SE
2
nP
UL
SE
1
VS
S7
RXINA0
SA
TXENA0
LA
RXINA1
MA
TXENA1
VDD6
VSS8
RXINB0
SB
TXENB0
LB
RXINB1
MB
TMC2005
1 2 3 4 5 6 7 8 9
1112131415
16
17
18
10
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
TX
EN
B1NC
1
SE
NC
2 LE
EX
TR
X
ME
VS
S1
EX
TT
X
CK
O
VS
S2
CK
M2
CK
M1
CK
M0RXFLT
nPLLTST
VDD2
VD
D1
XTLI
XTLO
VSS4
VDD4
VDD3
AVDD
RO
LP
AGS
AVSS
VSS3
VSS5
nE
XT
OD
nM
BE
nM
BB
nM
BA
nB
JE
nB
JB
nB
JA
VS
S6
nR
ST
nC
KO
EN
VD
D5
nP
1B
AK
nP
UL
SE
2
nP
UL
SE
1
VS
S7
RXINA0
SA
TXENA0
LA
RXINA1
MA
TXENA1
VDD6
VSS8
RXINB0
SB
TXENB0
LB
RXINB1
MB
TMC2005
1 2 3 4 5 6 7 8 9
1112131415
16
17
18
10
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
TX
EN
B1NC
1
SE
NC
2 LE
EX
TR
X
ME
VS
S1
EX
TT
X
CK
O
VS
S2
CK
M2
CK
M1
CK
M0RXFLT
nPLLTST
VDD2
VD
D1
XTLI
XTLO
VSS4
VDD4
VDD3
AVDD
RO
LP
AGS
AVSS
VSS3
VSS5
nE
XT
OD
nM
BE
nM
BB
nM
BA
nB
JE
nB
JB
nB
JA
VS
S6
nR
ST
nC
KO
EN
VD
D5
nP
1B
AK
nP
UL
SE
2
nP
UL
SE
1
VS
S7
RXINA0
SA
TXENA0
LA
RXINA1
MA
TXENA1
VDD6
VSS8
RXINB0
SB
TXENB0
LB
RXINB1
MB
R1
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com