Electronic Components Datasheet Search
  English  ▼

X  

AD7262 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7262
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7262 Datasheet HTML 3Page - Analog Devices AD7262 Datasheet HTML 4Page - Analog Devices AD7262 Datasheet HTML 5Page - Analog Devices AD7262 Datasheet HTML 6Page - Analog Devices AD7262 Datasheet HTML 7Page - Analog Devices AD7262 Datasheet HTML 8Page - Analog Devices AD7262 Datasheet HTML 9Page - Analog Devices AD7262 Datasheet HTML 10Page - Analog Devices AD7262 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
AD7262
Data Sheet
Rev. B | Page 6 of 32
TIMING SPECIFICATIONS
AVCC = 4.75 V to 5.25 V, CA_CBVCC = CC_CDVCC = 2.7 V to 5.25 V, VREF = 2.5 V internal/external;TA = TMIN to TMAX, unless otherwise noted.1
Table 2.
Limit at TMIN, TMAX
Parameter
2.7 V ≤ VDRIVE ≤ 3.6 V
4.75 V ≤ VDRIVE ≤ 5.25 V
Unit
Description
fSCLK
200
200
kHz min
40
40
MHz max
AD7262 2
32
32
MHz typ
AD72622
20
20
MHz max
AD7262-5
tCONVERT
19 × tSCLK
19 × tSCLK
ns max
tSCLK = 1/fSCLK
475
475
ns max
AD7262
950
950
ns max
AD7262-5
tQUIET
13
13
ns min
Minimum time between end of serial read/bus relinquish
and next falling edge of CS
t2
10
10
ns min
CS to SCLK setup time
t3 3
15
15
ns max
Delay from 19th SCLK falling edge until DOUTA and DOUTB are
three-state disabled
t4
29
23
ns max
Data access time after SCLK falling edge
t5
15
13
ns min
SCLK to data valid hold time
t6
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK high pulse width
t7
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK low pulse width
t8
13
13
ns min
CS rising edge to falling edge pulse width
t9
13
13
ns max
CS rising edge to DOUTA, DOUTB, high impedance/bus
relinquish
t10
5
5
ns min
SCLK falling edge to DOUTA, DOUTB, high impedance
35
35
ns max
SCLK falling edge to DOUTA, DOUTB, high impedance
t11
2
2
μs min
Minimum CAL pin high time
t12
2
2
μs min
Minimum time between the CAL pin high and the CS
falling edge
t13
3
3
ns min
DIN setup time prior to SCLK falling edge
t14
3
3
ns min
DIN hold time after SCLK falling edge
tPOWER-UP
240
240
μs max
Internal reference, with a 1 μF decoupling capacitor
15
15
μs max
With an external reference, 10 μs typical
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of AVCC) and timed from a voltage level of 1.6 V.
All timing specifications given are with a 25 pF load capacitance. With a load capacitance greater than this value, a digital buffer or latch must be used. See the
Terminology section.
2 See the Serial Interface section.
3 The time required for the output to cross 0.4 V or 2.4 V.
TIMING DIAGRAM
CS
SCLK
1
5
19
DOUTA
THREE-STATE
t4
2
3
4
20
t5
THREE-
STATE
t7
t3
18
DB9A
DB10A
DB11A
21
29
30
31
DB1A
DB0A
DOUTB
THREE-STATE
THREE-
STATE
DB9B
DB10B
DB11B
DB1B
DB0B
t2
t9
t8
tQUIET
t6
Figure 2. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com