Electronic Components Datasheet Search
  English  ▼

X  

AD7262 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7262
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7262 Datasheet HTML 25Page - Analog Devices AD7262 Datasheet HTML 26Page - Analog Devices AD7262 Datasheet HTML 27Page - Analog Devices AD7262 Datasheet HTML 28Page - Analog Devices AD7262 Datasheet HTML 29Page - Analog Devices AD7262 Datasheet HTML 30Page - Analog Devices AD7262 Datasheet HTML 31Page - Analog Devices AD7262 Datasheet HTML 32Page - Analog Devices AD7262 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Data Sheet
AD7262
Rev. B | Page 29 of 32
MICROPROCESSOR INTERFACING
The serial interface on the AD7262/AD7262-5 allows the parts
to connect directly to a range of different microprocessors. This
section explains how to interface the AD7262/AD7262-5 with
the Analog Devices, Inc., Blackfin® DSP, the ADSP-BF531.
AD7262/AD7262-5 TO ADSP-BF531
The ADSP-BF531 and the rest ofthe Blackfin microprocessor
family of DSPs interface directly to the AD7262/AD7262-5
without any glue logic required.The VDRIVE pin ofthe AD7262/
AD7262-5 takes the same supply voltage as that of the
ADSP-BF531. This allows the ADC to operate at a higher
supply voltage than its serial interface and, therefore, the
ADSP-BF531, if necessary. The availabilityofsecondary receive
registers on the serial ports of the Blackfin DSPs means only
one serial port is necessary to read from both DOUT pins
simultaneously. Figure 37shows both DOUTAand DOUTBof the
AD7262/AD7262-5 connected toSerial Port 0 ofthe ADSP-BF531.
The SPORT0 Receive Configuration 1 register and SPORT0
Receive Configuration 2 register must be set up as outlined in
Table 14 and Table 15.
SERIAL
DEVICE A
(PRIMARY)
SERIAL
DEVICE B
(SECONDARY)
AD7262
1
DOUTA
CS
SCLK
ADSP-BF5311
1ADDITIONAL PINS OMITTED FOR CLARITY.
DR0PRI
DR0SEC
RFS0
VDRIVE
VDD
DOUTB
RCLK0
SPORT0
Figure 37. Interfacing the AD7262 to the ADSP-BF531
Table 14. The SPORT0 Receive Configuration 1 Register
(SPORT0_RCR1)
Setting
Description
RCKFE = 1
Sample data with falling edge of RSCLK
LRFS = 1
Active low frame signal
RFSR = 1
Frame every word
IRFS = 1
Internal receive frame sync (RFS) used
RLSBIT = 0
Receive MSB first
RDTYPE = 00
Zero fill
IRCLK = 1
Internal receive clock
RSPEN = 1
Receive enabled
SLEN = 11110
31-bit data-word
TFSR = RFSR = 1
Table 15. The SPORT0 Receive Configuration 2 Register
(SPORT0_RCR2)
Setting
Description
RXSE = 1
Secondary side enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com