Electronic Components Datasheet Search
  English  ▼

X  

AD7262 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7262
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7262 Datasheet HTML 8Page - Analog Devices AD7262 Datasheet HTML 9Page - Analog Devices AD7262 Datasheet HTML 10Page - Analog Devices AD7262 Datasheet HTML 11Page - Analog Devices AD7262 Datasheet HTML 12Page - Analog Devices AD7262 Datasheet HTML 13Page - Analog Devices AD7262 Datasheet HTML 14Page - Analog Devices AD7262 Datasheet HTML 15Page - Analog Devices AD7262 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Data Sheet
AD7262
Rev. B | Page 11 of 32
9000
0
1000
2000
3000
4000
5000
6000
7000
8000
2043
2044
2045
CODE
8839
828
0
333
0
Figure 11. Histogram of Codes for 10k Samples at Gain of 2
8000
0
1000
2000
3000
4000
5000
6000
7000
2045
2044
2046
2047
2048
2049
CODE
1297
0
6967
1732
40
Figure 12. Histogram of Codes for 10k Samples at Gain of 32
–50
–90
–85
–70
–75
–70
–65
–60
–55
10
910
810
710
610
510
410
310
210
110
ANALOG INPUT FREQUENCY (kHz)
GAIN = 32
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
INTERNAL REFERENCE
GAIN = 2
Figure 13. THD vs. Analog Input Frequency up to 1 MHz at Gain of 2 and 32
2.4961
2.4962
2.4963
2.4964
2.4965
2.4966
2.4967
2.4968
0
20
40
60
80
100
120
140
160
180
200
AVCC = 5V
VDRIVE = 3V
fS = 1MSPS
INTERNAL REFERENCE
CURRENT LOAD (µA)
Figure 14. VREF vs. Reference Output Current Load
600
1900
1800
GAIN
1
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
23468
12 16 24 32 48 64 96 128
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
INTERNAL REFERENCE
Figure 15. 3 dB Bandwidth vs. Gain
30
80
75
70
65
60
55
50
45
40
35
PGA GAIN
1
23468
12 16 24 32 48 64 96 128
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
INTERNAL REFERENCE
FIN = 100kHz
Figure 16. SNR vs. PGA Gain for an Analog Input Tone of 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com