Electronic Components Datasheet Search
  English  ▼

X  

AD7262 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7262
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7262 Datasheet HTML 25Page - Analog Devices AD7262 Datasheet HTML 26Page - Analog Devices AD7262 Datasheet HTML 27Page - Analog Devices AD7262 Datasheet HTML 28Page - Analog Devices AD7262 Datasheet HTML 29Page - Analog Devices AD7262 Datasheet HTML 30Page - Analog Devices AD7262 Datasheet HTML 31Page - Analog Devices AD7262 Datasheet HTML 32Page - Analog Devices AD7262 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AD7262
Data Sheet
Rev. B | Page 30 of 32
APPLICATION HINTS
GROUNDING ANDLAYOUT
The analog and digital supplies to the AD7262/AD7262-5 are
independent and separately pinned out to minimize coupling
between the analogand digital sections ofthe device.The printed
circuit board (PCB) that houses the AD7262/AD7262-5 should
be designed so that the analog and digital sections are separated
and confined to certainareas ofthe board. This designfacilitates
the use of ground planes that can be easily separated.
To provide optimum shielding for ground planes, a minimum
etch technique is generally best. All five AGND pins of the
AD7262/AD7262-5 should be sunk in the AGND plane. Digital
and analog ground planes should be joined in only one place. If
the AD7262/AD7262-5 are in a system where multiple devices
require an AGND to DGND connection, the connection should
still be made at one point only, a star ground point, that should
be established as close as possible to the ground pins on the
AD7262/AD7262-5.
Avoid running digital lines under the device because this couples
noise onto the die. However, the analog ground plane should be
allowed to run under the AD7262/AD7262-5 to avoid noise
coupling. The power supply lines to the AD7262/ AD7262-5
should use as large a trace as possible to provide low impedance
paths and reduce the effects of glitches on the power supplyline.
To avoid radiating noise to other sections of the board, fast
switching signals, such as clocks, should be shielded with digital
ground, and clock signals should never run near the analog
inputs. Avoid crossover of digital and analog signals. To reduce
the effects of feedthrough within the board, traces on opposite
sides of the board should run at right angles to each other. A
microstrip technique is the best method but is not always possible
with a double-sided board. In this technique, the component
side of the board is dedicated to ground planes, while signals are
placed on the solder side.
Good decoupling is also important. All analog supplies should
be decoupled with 10 μF tantalum capacitors in parallel with
100 nF capacitors to GND. To achieve the best results from these
decoupling components, they must be placed as close as possible
to the device, ideally right up against the device. The 0.1 μF
capacitors should have low effective series resistance (ESR) and
effective series inductance (ESI), such as the common ceramic
types or surface-mount types. These low ESR and ESI capacitors
provide a low impedance path to ground at high frequencies to
handle transient currents due to internal logic switching.
PCB DESIGN GUIDELINES FOR LFCSP
The land on the chip scale packages (CP-48-1) are rectangular.
The PCB pad for these should be 0.1 mm longer than the
package land length and 0.05 mm wider than the package land
width, thereby having a portion of the pad exposed. To ensure
that the solder joint size is maximized, the land should be
centered on the pad.
The bottom of the chip scale package has a thermal pad. The
thermal pad on the PCB should be at least as large as the exposed
pad. On the PCB, there should be a clearance ofat least0.25mm
between the thermal pad and the inner edges of the pad pattern
to ensure that shorting is avoided.
To improve thermal performance of the package, use thermal
vias on the PCB, incorporating them into the thermal pad at
1.2 mm pitch grid. The via diameter should be between 0.3 mm
and 0.33 mm, and the via barrel should be plated with 1 oz.
copper to plug the via. The user should connect the PCB thermal
pad to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com