Electronic Components Datasheet Search
  English  ▼

X  

AD7262 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7262
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7262 Datasheet HTML 24Page - Analog Devices AD7262 Datasheet HTML 25Page - Analog Devices AD7262 Datasheet HTML 26Page - Analog Devices AD7262 Datasheet HTML 27Page - Analog Devices AD7262 Datasheet HTML 28Page - Analog Devices AD7262 Datasheet HTML 29Page - Analog Devices AD7262 Datasheet HTML 30Page - Analog Devices AD7262 Datasheet HTML 31Page - Analog Devices AD7262 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Data Sheet
AD7262
Rev. B | Page 27 of 32
CALIBRATION
INTERNAL OFFSET CALIBRATION
The AD7262/AD7262-5 allow the user to calibrate the device
offset using the CAL pin. This is achieved by setting the CAL
pin to a high logic level, which initiates a calibration on the next
CS falling edge. The calibration requires one full conversion
cycle, which contains a CS falling edge followed by 19 SCLKs to
complete. The CAL pin can remain high for more than one
conversion if desired, and the AD7262/AD7262-5 continue to
calibrate.
The CAL pin should only be drivenhigh whenthe CSpin ishigh
or after 19 SCLK cycles have elapsed when CS is low (that is,
between conversions). The CAL pin must be driven high t12 ns
before CS goes low. If the CS pin goes low before the t12 has
elapsed, the calibration result is inaccurate for the current
conversion, but, provided that the CAL pin remains high, the
subsequent calibration conversion is correct. If the CAL pin is
set to a logic high state duringa conversion, that conversion result
is corrupted.
Provided that the CAL pin has been held high for a minimum
of one conversion, and once t12 and t11 have been adhered to, the
calibration is complete after the 19th SCLK cycle, and the CAL
pin can be driven to a logic low state. The next CS falling edge
after the CAL pin has been driven to a low logic state initiates
a conversion of the differential analog input signal for both
ADC A and ADC B.
Alternatively, one can use the control register to initiate anoffset
calibration. This is done by setting the CAL bit in the control
register to 1. The calibration is then initiated on the next CS
falling edge, but the current conversion is corrupted. The ADCs
on the AD7262/AD7262-5 must remain fully powered up to
complete the internal calibration.
The AD7262/AD7262-5 registers store the offset value that can
be accessed easily by the user (see the Reading from a Register
section). When the device is calibrating, the differential analog
inputs for each respective ADC are shorted together internally
and a conversion is performed. A digital code representing the
offset is stored internally in the offset registers, and subsequent
conversion results have this measured offset removed.
When the AD7262/AD7262-5 are calibrated, the calibration
results stored in the internal device registers are only relevant
for the particular PGA gainselected at the time ofcalibration.Ifthe
PGA gain is changed, the AD7262/AD7262-5mustbe recalibrated.
If the device is not recalibrated when the PGA gain is changed,
the offset for the previous gain setting continues to be removed
from the digital output code, which may lead to inaccuracies.
The offset range, which can be calibrated for, is ±128 least
significant bits at a gain of 1. The maximum offset voltage,
which can be calibrated for, is reduced as the gain of the PGA
is increased.
Table 12 details the maximumoffset voltage,which can be
removed by the AD7262/AD7262-5 without compromising the
available digital outputcode range. The least significantbitsize is
AVCC/2BITs, which is 5/4096 or 1.22mV for the AD7262/AD7262-5.
The maximum removable offset voltage is given by
Gain
mV
22
.
1
LSB
128
×
±
Table 12. Offset Range
Gain
Maximum Removable Offset Voltage
1
±156.16 mV
2
±78.08 mV
3
±52.053 mV
32
±4.88 mV1
1 This is the maximum removable offset for PGA gain ≥ 32.
CS
SCLK
CAL
20
1
2
3
21
19
t2
t6
t8
t7
t12
t11
31
30
21
20
19
3
2
1
Figure 36. Calibration Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com