Electronic Components Datasheet Search
  English  ▼

X  

AD7262 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7262
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7262 Datasheet HTML 15Page - Analog Devices AD7262 Datasheet HTML 16Page - Analog Devices AD7262 Datasheet HTML 17Page - Analog Devices AD7262 Datasheet HTML 18Page - Analog Devices AD7262 Datasheet HTML 19Page - Analog Devices AD7262 Datasheet HTML 20Page - Analog Devices AD7262 Datasheet HTML 21Page - Analog Devices AD7262 Datasheet HTML 22Page - Analog Devices AD7262 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AD7262
Data Sheet
Rev. B | Page 18 of 32
10µF1
100nF
VDRIVE
VDRIVE
3V OR 5V
SUPPLY
MICROPROCESSOR/
MICROCONTROLLER
10µF1
COMPARATOR
SUPPLY 3V TO 5V2
100nF
100nF
100nF
ANALOG
SUPPLY
+5V
10µF1
100nF
100nF
100nF
100nF
100nF
VDRIVE
G0
G1
G2
G3
SCLK
DOUTA
DOUTB
REFSEL
CAL
PD0/DIN
PD1
PD2
13 14 15 16
45 46 47 48
25 26 29 30
22
23
36
24
32
35
34
37
38
39
40
27
31
21
3.125V
VA– AND VA+
CONNECT
DIRECTLY
TO SENSOR
OUTPUTS
THIS REFERENCE SIGNAL
MUST BE BUFFERED
BEFORE IT CAN BE
USED ELSEWHERE IN
THE CIRCUIT
2.500V
1.875V
GAIN 2
3.125V
2.500V
1.875V
GAIN 2
3.125V
2.500V
1.875V
GAIN 2
3.125V
2.500V
1.875V
GAIN 2
VB– AND VB+
CONNECT
DIRECTLY
TO SENSOR
OUTPUTS
1µF
1µF
17 44 5
6
8 19 42 28 2
7 11 20 41 12
1 33
VB–
VB+
VREFB
VREFA
VA+
VA–
10
9
18
43
4
3
AD7262
FAST PROPAGATION DELAY
COMPARATOR INPUTS
1THESE CAPACITORS ARE PLACED AT THE SUPPLY SOURCE AND MAY NOT BE REQUIRED IN ALL SYSTEMS.
2THIS SUPPLY CAN BE CONNECTED TO THE ANALOG 5V SUPPLY IF REQUIRED.
LOW POWER
COMPARATOR INPUTS
SERIAL
INTERFACE
CS
Figure 26. Typical Connection Diagram for the AD7262/AD7262-5 in Control Register Mode (All Gain Pins Tied to Ground) Configured for a PGA Gain of 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com