Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7764
Description  24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7764 Datasheet HTML 3Page - Analog Devices AD7764 Datasheet HTML 4Page - Analog Devices AD7764 Datasheet HTML 5Page - Analog Devices AD7764 Datasheet HTML 6Page - Analog Devices AD7764 Datasheet HTML 7Page - Analog Devices AD7764 Datasheet HTML 8Page - Analog Devices AD7764 Datasheet HTML 9Page - Analog Devices AD7764 Datasheet HTML 10Page - Analog Devices AD7764 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AD7764
Data Sheet
Rev. B | Page 6 of 33
TIMING SPECIFICATIONS
AVDD1 = DVDD = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, VREF+ = 4.096 V, TA = 25°C, CLOAD = 25 pF.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
Min
Typ
Max
fMCLK
500
kHz
Applied master clock frequency
40
MHz
fICLK
250
kHz
Internal modulator clock derived from MCLK
20
MHz
t1
1 × tICLK
sec
SCO high period
t2
1 × tICLK
sec
SCO low period
t3
1
2.5
ns
SCO rising edge to FSO falling edge
t4
2
3.5
ns
Data access time, FSO falling edge to data active
t5
8
ns
MSB data access time, SDO active to SDO valid
t6
40
ns
Data hold time (SDO valid to SCO rising edge)
t7
9.5
ns
Data access time (SCO rising edge to SDO valid)
t8
2
2.5
ns
SCO rising edge to FSO rising edge
t9
32 × tSCO
sec
FSO low period
t10
12
ns
Setup time from FSI falling edge to SCO falling edge
t11
1 × tSCO
sec
FSI low period
t121
32 × tSCO
sec
FSI low period
t13
12
ns
SDI setup time for the first data bit
t14
12
ns
SDI setup time
t15
0
ns
SDI hold time
tR MIN
1 × tMCLK
sec
Minimum time for a valid RESET pulse
tR HOLD
5
ns
Minimum time between the MCLK rising edge and RESET rising edge
tR SETUP
5
ns
Minimum time between the RESET rising edge and MCLK rising edge
tS MIN
4 × tMCLK
sec
Minimum time for a valid SYNC pulse
tS HOLD
5
ns
Minimum time between the MCLK falling edge and SYNC rising edge
tS SETUP
5
ns
Minimum time between the SYNC rising edge and MCLK falling edge
1
This is the maximum time FSI can be held low when writing to an individual device (a device that is not daisy-chained).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com