Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7764
Description  24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7764 Datasheet HTML 26Page - Analog Devices AD7764 Datasheet HTML 27Page - Analog Devices AD7764 Datasheet HTML 28Page - Analog Devices AD7764 Datasheet HTML 29Page - Analog Devices AD7764 Datasheet HTML 30Page - Analog Devices AD7764 Datasheet HTML 31Page - Analog Devices AD7764 Datasheet HTML 32Page - Analog Devices AD7764 Datasheet HTML 33Page - Analog Devices AD7764 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
AD7764
Data Sheet
Rev. B | Page 30 of 33
USING THE AD7764
Use the following sequence to power up and use the AD7764:
1. Apply power to the device.
2. Apply the MCLK signal.
3. Take RESET low for a minimum of one MCLK cycle, pref-
erably synchronous to the falling MCLK edge. If multiple
devices are to be synchronized, apply a common RESET to
all devices.
4. Wait a minimum of two MCLK cycles after RESET is released.
5. If multiple devices are being synchronized, a SYNC pulse
must be applied to the devices, preferably synchronous with
the MCLK rising edge. In the case where devices are not
being synchronized, no SYNC pulse is required; apply a
logic high signal to the SYNC pin.
When applying the SYNC pulse,
•
The issue of a SYNC pulse to the device must not
coincide with a write to the device.
•
Ensure that the SYNC pulse is taken low for a
minimum of four MCLK periods.
Data can then be read from the device using the default gain
and overrange threshold values. The conversion data read is not
valid, however, until the settling time of the filter elapses. After
this time elapses, the FILTER_SETTLE status bit is set, indicating
that the data is valid.
Values for the gain and overrange thresholds can be written to
or read from the respective registers at this stage.
BIAS RESISTOR SELECTION
The AD7764 requires a resistor to be connected between the RBIAS
and AGNDx pins. Select the resistor value to give a current of
25 µA through the resistor to ground. For a 4.096 V reference
voltage, the correct resistor value is 160 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com