Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7764
Description  24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7764 Datasheet HTML 8Page - Analog Devices AD7764 Datasheet HTML 9Page - Analog Devices AD7764 Datasheet HTML 10Page - Analog Devices AD7764 Datasheet HTML 11Page - Analog Devices AD7764 Datasheet HTML 12Page - Analog Devices AD7764 Datasheet HTML 13Page - Analog Devices AD7764 Datasheet HTML 14Page - Analog Devices AD7764 Datasheet HTML 15Page - Analog Devices AD7764 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Data Sheet
AD7764
Rev. B | Page 11 of 33
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = DVDD = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, VREF+ = 4.096 V, MCLK amplitude = 5 V, TA = 25°C. Linearity plots measured to
16-bit accuracy. Input signal reduced to avoid modulator overload and digital clipping; fast Fourier transforms (FFTs) of −0.5 dB tones are
generated from 262,144 samples in normal power mode. All other FFTs are generated from 8192 samples.
0
–25
–50
–75
–100
–125
–150
–175
0
50k
100k
156.249k
FREQUENCY (Hz)
Figure 6. Normal Power Mode, FFT,1 kHz, −0.5 dB Input Tone,
64× Decimation Rate
0
–25
–50
–75
–100
–125
–150
–175
0
20k
40k
60k
78.124k
FREQUENCY (Hz)
Figure 7. Normal Power Mode, FFT,1 kHz, −0.5 dB Input Tone,
128× Decimation Rate
0
–25
–50
–75
–100
–125
–150
–175
0
10k
20k
30k
39.062k
FREQUENCY (Hz)
Figure 8. Normal Power Mode, FFT,1 kHz, −0.5 dB Input Tone,
256× Decimation Rate
0
150k
125k
100k
75k
50k
25k
FREQUENCY (Hz)
0
–25
–50
–75
–100
–125
–150
–175
Figure 9. Low Power Mode, FFT,1 kHz, −0.5 dB Input Tone,
64× Decimation Rate
0
10k
20k
30k
40k
50k
60k
70k
FREQUENCY (Hz)
0
–25
–50
–75
–100
–125
–150
–175
Figure 10. Low Power Mode, FFT,1 kHz, −0.5 dB Input Tone,
128× Decimation Rate
0
5k
10k
15k
20k
25k
30k
35k
FREQUENCY (Hz)
0
–25
–50
–75
–100
–125
–150
–175
Figure 11. Low Power Mode, FFT,1 kHz, −0.5 dB Input Tone,
256× Decimation Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com