Electronic Components Datasheet Search
  English  ▼

X  

AD7764 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7764
Description  24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7764 Datasheet HTML 5Page - Analog Devices AD7764 Datasheet HTML 6Page - Analog Devices AD7764 Datasheet HTML 7Page - Analog Devices AD7764 Datasheet HTML 8Page - Analog Devices AD7764 Datasheet HTML 9Page - Analog Devices AD7764 Datasheet HTML 10Page - Analog Devices AD7764 Datasheet HTML 11Page - Analog Devices AD7764 Datasheet HTML 12Page - Analog Devices AD7764 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AD7764
Data Sheet
Rev. B | Page 8 of 33
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
AVDD1 to Ground
−0.3 V to +2.8 V
AVDD2, AVDD3, AVDD4 to Ground
−0.3 V to +6 V
DVDD to Ground
−0.3 V to +2.8 V
VINA+, VINA− to Ground1
−0.3 V to +6 V
VIN+, VIN− to Ground1
−0.3 V to +6 V
Digital Input Voltage to Ground2
−0.3 V to +2.8 V
VREF+ to Ground3
−0.3 V to +6 V
AGND to DGND
−0.3 V to +0.3 V
Input Current to Any Pin Except Supplies4
±10 mA
Operating Temperature Range, Commercial
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance (1s0p)5
143°C/W
θJA Thermal Impedance (2s2p)6, 7
71.1°C/W
θJC Thermal Impedance8
20°C/W
Solder Reflow Temperature9
260°C
ESD
1 kV
1
The absolute maximum voltage for VIN−, VIN+, VINA−, and VINA+ is 6.0 V or
AVDD3 + 0.3 V, whichever is lower.
2
The absolute maximum voltage on the digital input is 3.0 V or DVDD+ 0.3 V,
whichever is lower.
3
The absolute maximum voltage on the VREF+ input is 6.0 V or AVDD4 + 0.3 V,
whichever is lower.
4
Transient currents of up to 100 mA do not cause SCR latch-up.
5
1s0p means a single-layer printed circuit board (PCB), which includes
one signal layer and zero power layers.
6
2s2p means a 4-layer PCB, which includes 2 signal layers and 2 power layers.
7
θJA for a 2s2p PCB is derived from simulation.
8
The revised θJC (thermal impedance) is derived from simulation.
9
Maximum reflow temperature as per JEDEC J-SDT-020.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com