Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 1 Page - Analog Devices

  AD8021ARM Datasheet HTML 1Page - Analog Devices AD8021ARM Datasheet HTML 2Page - Analog Devices AD8021ARM Datasheet HTML 3Page - Analog Devices AD8021ARM Datasheet HTML 4Page - Analog Devices AD8021ARM Datasheet HTML 5Page - Analog Devices AD8021ARM Datasheet HTML 6Page - Analog Devices AD8021ARM Datasheet HTML 7Page - Analog Devices AD8021ARM Datasheet HTML 8Page - Analog Devices AD8021ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD8021
Low Noise, High Speed Amplifier
for 16-Bit Systems
FEATURES
Low Noise
2.1 nV/
√Hz Input Voltage Noise
2.1 pA/
√Hz Input Current Noise
Custom Compensation
Constant Bandwidth from G = –1 to G = –10
High Speed
200 MHz (G = –1)
190 MHz (G = –10)
Low Power
34 mW or 6.7 mA Typ for 5 V Supply
Output Disable Feature, 1.3 mA
Low Distortion
–93 dB Second Harmonic, fC = 1 MHz
–108 dB Third Harmonic, fC = 1 MHz
DC Precision
1 mV Max Input Offset Voltage
0.5
V/ C Input Offset Voltage Drift
Wide Supply Range, 5 V to 24 V
Low Price
Small Packaging
Available in SOIC-8 and MSOP-8
APPLICATIONS
ADC Preamp and Driver
Instrumentation Preamp
Active Filters
Portable Instrumentation
Line Receivers
Precision Instruments
Ultrasound Signal Processing
High Gain Circuits
PRODUCT DESCRIPTION
The AD8021 is a very high performance, high speed voltage
feedback amplifier that can be used in 16-bit resolution systems.
It is designed to have low voltage and current noise (2.1 nV/
√Hz
typ and 2.1 pA/
√Hz typ) while operating at the lowest quiescent
supply current (7 mA @
±5 V) among today’s high speed, low
noise op amps. The AD8021 operates over a wide range of
supply voltages from
± 2.5 V to ± 12 V, as well as from single
5 V supplies, making it ideal for high speed, low power instru-
ments. An output disable pin allows further reduction of the
quiescent supply current to 1.3 mA.
The AD8021 allows the user to choose the gain bandwidth
product that best suits the application. With a single capacitor,
the user can compensate the AD8021 for the desired gain with
little trade-off in bandwidth. The AD8021 is a very well behaved
amplifier that settles to 0.01% in 23 ns for a 1 V step. It has a fast
overload recovery of 50 ns.
The AD8021 is stable over temperature with low input offset
voltage drift and input bias current drift, 0.5
µV/°C and 10 nA/°C,
respectively. The AD8021 is also capable of driving a 75
Ω line
with
±3 V video signals.
The AD8021 is not only technically superior, but also priced
considerably less than comparable amps drawing much higher
quiescent current. The AD8021 is a high speed, general-purpose
amplifier, ideal for a wide variety of gain configurations, and can
be used throughout a signal processing chain and in control loops.
The AD8021 is available in both standard 8-lead SOIC and MSOP
packages in the industrial temperature range of –40
°C to +85°C.
FREQUENCY – Hz
0.1M
1G
1M
10M
100M
24
21
–6
18
15
12
9
6
3
0
–3
VOUT = 50mV p-p
G = –5, RF = 1k , RG = 200 ,
RIN = 66.5 , CC = 1.5pF
G = –2, RF = 499 , RG = 249 ,
RIN = 63.4 , CC = 4pF
G = –1, RF = 499 , RG = 499 ,
RIN = 56.2 , CC = 7pF
G = –10, RF = 1k , RG = 100 ,
RIN = 100 , CC = 0pF
Figure 1. Small Signal Frequency Response
CONNECTION DIAGRAM
SOIC-8 (R-8)
MSOP-8 (RM-8)
8
7
6
5
1
2
3
4
LOGIC
REFERENCE
–IN
+IN
–VS
DISABLE
+VS
VOUT
CCOMP
AD8021


Similar Part No. - AD8021ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8021ARM AD-AD8021ARM Datasheet
585Kb / 28P
Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021ARM-REEL AD-AD8021ARM-REEL Datasheet
585Kb / 28P
Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021ARM-REEL7 AD-AD8021ARM-REEL7 Datasheet
585Kb / 28P
Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021ARMZ AD-AD8021ARMZ Datasheet
585Kb / 28P
Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
AD8021ARMZ-REEL AD-AD8021ARMZ-REEL Datasheet
585Kb / 28P
Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results

Similar Description - AD8021ARM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8021 AD-AD8021_06 Datasheet
585Kb / 28P
Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
Ultra-Low Noise, High Speed Operational Amplifier
logo
Analog Devices
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
OP471 AD-OP471_15 Datasheet
309Kb / 16P
High Speed, Low Noise Quad Operational Amplifier
REV. A
logo
Linear Technology
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
Low Noise Very High Speed Operational Amplifier
logo
Texas Instruments
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP471 AD-OP471_17 Datasheet
334Kb / 17P
High Speed, Low Noise Quad Operational Amplifier
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com