Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 19 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8021ARM Datasheet HTML 12Page - Analog Devices AD8021ARM Datasheet HTML 13Page - Analog Devices AD8021ARM Datasheet HTML 14Page - Analog Devices AD8021ARM Datasheet HTML 15Page - Analog Devices AD8021ARM Datasheet HTML 16Page - Analog Devices AD8021ARM Datasheet HTML 17Page - Analog Devices AD8021ARM Datasheet HTML 18Page - Analog Devices AD8021ARM Datasheet HTML 19Page - Analog Devices AD8021ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. D
AD8021
–19–
Driving Capacitive Loads
When the AD8021 drives a capacitive load, the high frequency
response may show excessive peaking before it rolls off. Two
techniques can be used to improve stability at high frequency and
reduce peaking. The first technique is to increase the compensa-
tion capacitor, CC, which reduces the peaking while maintaining
gain flatness at low frequencies. The second technique is to add a
resistor, RSNUB, in series between the output pin of the AD8021
and the capacitive load, CL. Figure 15 shows the response of the
AD8021 when both CC and RSNUB are used to reduce peaking.
For a given CL, Figure 16 can be used to determine the value of
RSNUB that maintains 2 dB of peaking in the frequency response.
Note, however, that using RSNUB attenuates the low frequency
output by a factor of RLOAD/(RSNUB + RLOAD).
CC = 7pF;
RSNUB = 0
CC = 8pF;
RSNUB = 0
0.1
1000
10
100
FREQUENCY – MHz
18
16
14
12
10
8
6
4
2
0
CC = 8pF;
RSNUB = 17.4
499
499
RL
1k
49.9
49.9
CC
33pF
FET
PROBE
–VS
RSNUB
+VS
5
6
1.0
Figure 15. Peaking vs. RSNUB and CC for CL = 33 pF
CAPACITIVE LOAD – pF
050
20
18
16
14
12
10
8
6
4
2
0
510
15202530354045
Figure 16. Relationship of RSNUB vs. CL for 2 dB
Peaking at a Gain of +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com