Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 17 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8021ARM Datasheet HTML 12Page - Analog Devices AD8021ARM Datasheet HTML 13Page - Analog Devices AD8021ARM Datasheet HTML 14Page - Analog Devices AD8021ARM Datasheet HTML 15Page - Analog Devices AD8021ARM Datasheet HTML 16Page - Analog Devices AD8021ARM Datasheet HTML 17Page - Analog Devices AD8021ARM Datasheet HTML 18Page - Analog Devices AD8021ARM Datasheet HTML 19Page - Analog Devices AD8021ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. D
AD8021
–17–
Table II. Summary of ADC Driver Performance,
fC = 65 kHz, VOUT = 10 V p-p
Parameter
Measurement
Unit
Second Harmonic Distortion
–101.3
dB
Third Harmonic Distortion
–109.5
dB
THD
–100.0
dB
SFDR
100.3
dB
50
5V
AD8021
+
–
–12V
+12V
AD7665
570kSPS
50
3
2
RF
750
OPTIONAL CF
IN
LO
IN
6
50
HI
ADC
CC
5
RG
82.5
Figure 9. Noninverting ADC Driver, Gain = 10, fC = 100 kHz
Table III. Summary of ADC Driver Performance,
fC = 100 kHz, VOUT = 20 V p-p
Parameter
Measurement
Unit
Second Harmonic Distortion
–92.6
dB
Third Harmonic Distortion
–86.4
dB
THD
–84.4
dB
SFDR
5.4
dB
Figure 9 shows another ADC driver connection. The circuit was
tested with a noninverting gain of 10.1 and an output voltage of
approximately 20 V p-p for optimum resolution and noise per-
formance. No filtering was used. An FFT was performed using
Analog Devices’ evaluation software for the AD7665 16-bit
converter. The results are listed in Table III.
DIFFERENTIAL DRIVER
The AD8021 is uniquely suited as a low noise differential driver
for many ADCs, balanced lines, and other applications requiring
differential drive. If pairs of internally compensated op amps are
configured as inverter and follower, the noise gain of the inverter
will be higher than that of the follower section, resulting in an
imbalance in the frequency response (see Figure 11).
A better solution takes advantage of the external compensation
feature of the AD8021. By reducing the CCOMP value of the inverter,
its bandwidth may be increased to match that of the follower,
avoiding compromises in gain bandwidth and phase delay. The
inverting and noninverting bandwidths can be closely matched
using the compensation feature, thus minimizing distortion.
DISABLE
VOUT
8
7
6
1
2
3
LOGIC REFERENCE
–IN
+IN
–VS
4
+VS
5
BYPASS
CAPACITOR
GROUND
PLANE
COMPENSATION
CAPACITOR
GROUND
PLANE
(TOP VIEW)
BYPASS
CAPACITOR
METAL
CCOMP
Figure 7. Recommended Location of Critical
Components and Guard Ring
DRIVING 16-BIT ADCS
Low noise and adjustable compensation make the AD8021
especially suitable as a buffer/driver for high resolution analog-
to-digital converters.
As seen in TPC 15, the harmonic distortion is better than 90 dB at
frequencies between 100 kHz and 1 MHz. This is a real advantage
for complex waveforms that contain high frequency information,
as the phase and gain integrity of the sampled waveform can be
preserved throughout the conversion process. The increase in
loop gain results in improved output regulation and lower noise
when the converter input changes state during a sample. This
advantage is particularly apparent when using 16-bit high resolu-
tion ADCs with high sampling rates.
Figure 8 shows a typical ADC driver configuration. The AD8021
is in an inverting gain of –7.5, fC is 65 kHz, and its output voltage
is 10 V p-p. The results are listed in Table II.
50
5V
AD8021
+
–
–12V
+12V
AD7665
570kSPS
590
3
2
RF
1.5k
IN
LO
IN
6
HI
CC
5
10pF
56pF
RG
200
65kHz
Figure 8. Inverting ADC Driver, Gain = –7.5, fC = 65 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com