Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8021ARM Datasheet HTML 8Page - Analog Devices AD8021ARM Datasheet HTML 9Page - Analog Devices AD8021ARM Datasheet HTML 10Page - Analog Devices AD8021ARM Datasheet HTML 11Page - Analog Devices AD8021ARM Datasheet HTML 12Page - Analog Devices AD8021ARM Datasheet HTML 13Page - Analog Devices AD8021ARM Datasheet HTML 14Page - Analog Devices AD8021ARM Datasheet HTML 15Page - Analog Devices AD8021ARM Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. D
–12–
AD8021
FREQUENCY – Hz
100k
10M
100M
–20
10k
1M
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
TPC 37. CMRR vs. Frequency. See Test Circuit 4.
FREQUENCY – Hz
100k
1G
10M
100M
300
10k
1M
100
30
10
3
1
0.3
0.1
0.03
0.01
0.003
TPC 38. Output Impedance vs. Frequency, Chip
Enabled. See Test Circuit 5.
DISABLE
t
DIS = 50ns
VOUTPUT
4V
2V
2V
1V
t
EN = 45ns
0
100
200
300
400
500
TIME – ns
TPC 39. Enable (tEN)/Disable (tDIS) Time vs. VOUT.
See Test Circuit 6.
FREQUENCY – Hz
1M
1G
100M
0
0.1M
10M
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
TPC 40. Input to Output Isolation, Chip Disabled.
See Test Circuit 7.
FREQUENCY – Hz
100k
1G
10M
300k
10k
1M
100k
30k
10k
3k
1k
300
100
30
10
3
100M
TPC 41. Output Impedance vs. Frequency, Chip
Disabled. See Test Circuit 8.
FREQUENCY – Hz
1M
500M
100M
0
10k
10M
–10
–30
–50
–70
–80
–100
100k
–20
–40
–60
–90
VS = 2.5V
VS = 5V
VS = 12V
+PSRR
–PSRR
TPC 42. PSRR vs. Frequency and Supply Voltage.
See Test Circuits 9 and 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com