Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8021ARM Datasheet HTML 5Page - Analog Devices AD8021ARM Datasheet HTML 6Page - Analog Devices AD8021ARM Datasheet HTML 7Page - Analog Devices AD8021ARM Datasheet HTML 8Page - Analog Devices AD8021ARM Datasheet HTML 9Page - Analog Devices AD8021ARM Datasheet HTML 10Page - Analog Devices AD8021ARM Datasheet HTML 11Page - Analog Devices AD8021ARM Datasheet HTML 12Page - Analog Devices AD8021ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. D
AD8021
–9–
VOUT – V p-p
1
35
–60
–90
–100
–70
–80
–120
–50
246
–110
f
C = 1MHz
f
C = 5MHz
THIRD
SECOND
SECOND
THIRD
TPC 19. Second and Third Harmonic Distortion
vs. VOUT and Fundamental Frequency (fC), G = +2
VOUT – V p-p
1
35
–60
–90
–100
–70
–80
–50
246
–110
f
C = 5MHz
f
C = 1MHz
–40
THIRD
SECOND
SECOND
THIRD
TPC 20. Second and Third Harmonic Distortion
vs. VOUT and Fundamental Frequency (fC), G = +10
FEEDBACK RESISTANCE –
0
400
800
–90
–110
–80
200
600
1000
–120
–70
–100
f
C = 1MHz
RL = 1k
THIRD
SECOND
TPC 21. Second and Third Harmonic Distortion
vs. Feedback Resistor (RF)
LOAD –
0
800
1600
3.2
2.9
3.4
400
1200
2000
2.8
3.5
3.1
3.3
3.0
–3.4
–3.7
–3.2
–3.8
–3.1
–3.5
–3.3
–3.6
NEGATIVE OUTPUT
POSITIVE OUTPUT
TPC 22. DC Output Voltage vs. Load. See Test
Circuit 1.
TEMPERATURE – C
–50
–10
30
–30
10
50
70
90
110
60
0
100
120
40
80
20
VS = 2.5
VS = 5.0
VS = 12
TPC 23. Short-Circuit Current to Ground vs.
Temperature
RL = 1k , 150
50
40
30
20
10
–10
–20
–30
–40
–50
G = 2
040
80
120
160
200
TIME – ns
TPC 24. Small Signal Transient Response vs. RL,
VO = 50 mV p-p. See Test Circuit 2, Noninverting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com