Electronic Components Datasheet Search
  English  ▼

X  

AD8021ARM Datasheet(PDF) 13 Page - Analog Devices

Part # AD8021ARM
Description  Low Noise, High Speed Amplifier for 16-Bit Systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8021ARM Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8021ARM Datasheet HTML 9Page - Analog Devices AD8021ARM Datasheet HTML 10Page - Analog Devices AD8021ARM Datasheet HTML 11Page - Analog Devices AD8021ARM Datasheet HTML 12Page - Analog Devices AD8021ARM Datasheet HTML 13Page - Analog Devices AD8021ARM Datasheet HTML 14Page - Analog Devices AD8021ARM Datasheet HTML 15Page - Analog Devices AD8021ARM Datasheet HTML 16Page - Analog Devices AD8021ARM Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. D
AD8021
–13–
Test Circuits
50
–VS
CC
+VS
5
RS
RO
RD
RF
CF
RG
49.9
RIN
50
CABLE
50
CABLE
Test Circuit 1. Noninverting Gain
RF
CF
RG
RL
RS
49.9
RIN
CC
CL
FET
PROBE
50
–VS
+VS
5
50
CABLE
Test Circuit 2. Noninverting Gain with FET Probe
RF
RO
RD
49.9
RG
RIN
49.9
50
–VS
CC
+VS
5
50
CABLE
50
CABLE
Test Circuit 3. Inverting Gain
HP8753D
50
AD8021
499
499
55.6
499
499
49.9
NETWORK
ANALYZER
–VS
CC
5
+VS
7pF
50
Test Circuit 4. CMRR
AD8021
RF
499
100
7pF
–VS
CC
+VS
5
NETWORK
ANALYZER
HP8753D
RG
499
50
Test Circuit 5. Output Impedance, Chip Enabled
499
AD8021
49.9
49.9
7pF
–VS
CC
5
976
1
8
1.0V
49.9
499
+VS
DISABLE
LOGIC REF
4V
53.6
Test Circuit 6. Enable/Disable
TEMPERATURE – C
0
100
50
8.5
–50
25
8.0
7.5
7.0
6.5
6.0
5.5
75
–25
TPC 43. Quiescent Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com