Electronic Components Datasheet Search
  English  ▼

X  

AD7690 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7690
Description  400 kSPS PulSAR Differential ADC in MSOP/LFCSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7690 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7690 Datasheet HTML 6Page - Analog Devices AD7690 Datasheet HTML 7Page - Analog Devices AD7690 Datasheet HTML 8Page - Analog Devices AD7690 Datasheet HTML 9Page - Analog Devices AD7690 Datasheet HTML 10Page - Analog Devices AD7690 Datasheet HTML 11Page - Analog Devices AD7690 Datasheet HTML 12Page - Analog Devices AD7690 Datasheet HTML 13Page - Analog Devices AD7690 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
AD7690
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Integral Nonlinearity vs. Code
Figure 8. Histogram of a DC Input at the Code Center
Figure 9. Fast Fourier Transform Plot
Figure 10. Differential Nonlinearity vs. Code
Figure 11. Histogram of a DC Input at the Code Transition
Figure 12. SNR, THD vs. Input Level
1.5
–1.5
0
262144
CODE
1.0
0.5
0
–0.5
–1.0
65536
131072
196608
POSITIVE INL = +0.42LSB
NEGATIVE INL = –0.6LSB
80k
0
55
CODE IN HEX
70k
60k
50k
40k
30k
20k
10k
57
58
59
5A
5B
5C
5D
5E
5F
60
0
0
39
1991
18
0
0
2614
67198
31666
27546
VDD = REF = 5V
0
–180
0
200
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
20
40
60
80
100
120
140
160
180
fS = 400kSPS
fIN = 1.99kHz
SNR = 101.4dB
THD = –122dB
SFDR = 130dB
SINAD = 101.3dB
1.0
–1.0
0
CODE
0
0.5
–0.5
65536
131072
196608
262144
60k
0
CODE IN HEX
50k
40k
30k
20k
10k
32
31
33
34
35
36
37
38
39
3A
3B
3C
0
0
2
533
263
3
0
0
11212
VDD = REF = 5V
12623
53936
52500
95
96
97
98
99
100
101
102
103
104
105
INPUT LEVEL (dB)
–10
–8
–6
–4
–2
0
–130
–128
–126
–124
–122
–120
–118
–116
–114
–112
–110
SNR
THD
Rev. C | Page 9 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com