| Electronic Components Datasheet Search |
|
AD7690 Datasheet(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7690 Datasheet(HTML) 22 Page - Analog Devices |
|
22 / 25 page ![]() Data Sheet AD7690 Rev. C | Page 21 of 24 CHAIN MODE WITHOUT BUSY INDICATOR This mode can be used to daisy-chain multiple AD7690s on a 3-wire serial interface. This feature is useful for reducing component count and wiring connections, for example, in isolated multiconverter applications or for systems with a limited interfacing capacity. Data readback is analogous to clocking a shift register. A connection diagram example using two AD7690s is shown in Figure 42, and the corresponding timing is given in Figure 43. When SDI and CNV are low, SDO is driven low. With SCK low, a rising edge on CNV initiates a conversion, selects the chain mode, and disables the busy indicator. In this mode, CNV is held high during the conversion phase and the subsequent data readback. When the conversion is complete, the MSB is output onto SDO and the AD7690 enters the acquisition phase and powers down. The remaining data bits stored in the internal shift register are clocked by subsequent SCK falling edges. For each ADC, SDI feeds the input of the internal shift register and is clocked by the SCK falling edge. Each ADC in the chain outputs its data MSB first, and 18 × N clocks are required to read back the N ADCs. The data is valid on both SCK edges. Although the rising edge can be used to capture the data, a digital host using the SCK falling edge allows a faster reading rate and consequently more AD7690s in the chain, provided the digital host has an acceptable hold time. The maximum conversion rate may be reduced due to the total readback time. Figure 42. Chain Mode Without Busy Indicator Connection Diagram Figure 43. Chain Mode Without Busy Indicator Serial Interface Timing CLK CONVERT DATA IN DIGITAL HOST CNV SCK SDO SDI CNV SCK SDO SDI AD7690 B AD7690 A SDOA = SDIB DA17 DA16 DA15 SCK 1 2 3 34 35 36 tSSDISCK tHSDISCK tEN CONVERSION ACQUISITION tCONV tCYC tACQ ACQUISITION CNV DA1 16 17 tSCK tSCKL tSCKH DA0 19 20 18 SDIA = 0 SDOB DB17 DB16 DB15 DA1 DB1DB0DA17 DA16 tHSDO tDSDO tSSCKCNV tHSCKCNV DA0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |