Electronic Components Datasheet Search
  English  ▼

X  

LTC3713 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3713
Description  Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3713 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3713 Datasheet HTML 4Page - Linear Technology LTC3713 Datasheet HTML 5Page - Linear Technology LTC3713 Datasheet HTML 6Page - Linear Technology LTC3713 Datasheet HTML 7Page - Linear Technology LTC3713 Datasheet HTML 8Page - Linear Technology LTC3713 Datasheet HTML 9Page - Linear Technology LTC3713 Datasheet HTML 10Page - Linear Technology LTC3713 Datasheet HTML 11Page - Linear Technology LTC3713 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC3713
3713fa
FU CTIO AL DIAGRA S
1.4V
0.7V
VRNG
4
VON
2
+
–
+
–
+
–
+
8 ION
2.4V
0.7V
5 FCB
16 VIN1
1
µA
RON
VVON
IION
tON =
(10pF)
R
SQ
20k
ICMP
IREV
×
Q6
1V
3.3
µA
SHDN
SWITCH
LOGIC
BG
ON
FCNT
F
0.8V
–
+
4.7V
OV
1
240k
Q1
Q2
Q3
0.8V
0.6V
0.6V
ITH
RC
CC1
EA
SS
0.8V
Q4
+
–
×4
Q5
6
RUN/SS CSS
1
3713 FD01
SGND1
R2
R1
7
9
RUN
SHDN
18
PGND1
19
SENSE–
20
PGOOD
VFB1
3
INTVCC
17
SW1
22
SENSE+
21
TG
CB
VIN
CIN
23
BOOST
24
–
+
–
+
UV
0.74V
OV
0.86V
CVCC
VOUT
M2
M1
L1
COUT
+
0.8V
REF
5V
REG
1.2
µA
6V
DB
ITHB
–
+
FF
RQ
S
0.15
Ω
SW2
DRIVER
COMPARATOR
14
SHUTDOWN
SHDN
10
13
–
+
Σ
RAMP
GENERATOR
RC
CC
1.4MHz
OSCILLATOR
PGND2
3713 FD02
R6
40k
R4
140k
R3
30k
Q2
x10
Q1
Q3
R8
(EXTERNAL)
R7
(EXTERNAL)
R5
40k
VOUT2
VIN2 15
VFB2
FB2 12
SGND2
11
A2
A1
gm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com