Electronic Components Datasheet Search
  English  ▼

X  

LTC3713 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3713
Description  Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3713 Datasheet(HTML) 1 Page - Linear Technology

  LTC3713 Datasheet HTML 1Page - Linear Technology LTC3713 Datasheet HTML 2Page - Linear Technology LTC3713 Datasheet HTML 3Page - Linear Technology LTC3713 Datasheet HTML 4Page - Linear Technology LTC3713 Datasheet HTML 5Page - Linear Technology LTC3713 Datasheet HTML 6Page - Linear Technology LTC3713 Datasheet HTML 7Page - Linear Technology LTC3713 Datasheet HTML 8Page - Linear Technology LTC3713 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC3713
3713fa
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
Low Input Voltage,
High Power, No RSENSE
TM
Synchronous Buck DC/DC Controller
s
Very Low VIN(MIN): 1.5V
s
True Current Mode Control
s
5V Drive for N-Channel MOSFETs Eliminates
Auxillary 5V Supply
s
No Sense Resistor Required
s
Uses Standard 5V Logic-Level N-Channel MOSFETs
s
Adjustable Current Limit
s
Adjustable Frequency
s
Switch tON(MIN) < 100ns
s
2% to 90% Duty Cycle at 200kHz
s
0.8V
±1% Reference
s
Power Good Output Voltage Monitor
s
Programmable Soft-Start
s
Output Overvoltage Protection
s
Optional Short-Circuit Shutdown Timer
s
Small 24-Lead SSOP Package
s
Telecom Card 3.3V, 2.5V, 1.8V Step-Down
s
Bus Termination (DDR memory, SSTL)
s
Synchronous Buck with General Purpose Boost
s
Low VIN Synchronous Boost
The LTC
®3713 is a high current, high efficiency synchro-
nous buck switching regulator controller optimized for
use with very low input supply voltages. It operates from
inputs as low as 1.5V and provides a regulated output
voltage from 0.8V up to (0.9)VIN. The controller uses
a valley current control architecture to enable high operat-
ing frequencies without requiring a sense resistor.
Operating frequency is selected by an external resistor and
is compensated for variations in VINandVOUT.TheLTC3713
uses a pair of standard 5V logic-level N-channel external
MOSFETs, eliminating the need for expensive P-channel
or low threshold devices.
Discontinuous mode operation provides high efficiency
operation at light loads. A forced continuous control
pin reduces noise and RF interference, and can assist
secondary winding regulation by disabling discontinuous
operation when the main output is lightly loaded. Fault
protection is provided by internal foldback current limit-
ing, an output overvoltage comparator and an optional
short-circuit shutdown timer.
Figure 1. High Efficiency Step-Down Converter from 1.8V to 3.3V Input
Efficiency vs Load Current
, LTC and LT are registered trademarks of Linear Technology Corporation.
RUN/SS
BOOST
TG
SW1
SENSE+
SENSE–
0.33
µF
LTC3713
5.6k
10k
20k
680pF
0.1
µF
M1
CMDSH-3
PGND
BG
INTVCC
VIN1
VIN2
ITH
PGOOD
ION
VFB1
SHDN
SGND
VFB2
SW2
10
µF
M2
B340A
COUT: PANASONIC EEFUEOD271R
L1: (A) PANASONIC ETQP6FIR8BFA
(B) TOKO D104C-1.8
µH
M1, M2: (A) IRF7822, (B) IRF7811A
L1
1.8
µH
COUT
270
µF
×2
3713 F01a
22
µF
×2
VIN
1.8V TO 3.3V
VOUT
1.25V
10A
4.7
µF
4.7
µH
MBR0520
12.1k
37.4k
330k
+
No RSENSE is a trademark of Linear Technology Corporation.
LOAD CURRENT (A)
0.01
0
10
30
40
50
100
70
0.10
1
3
3713 F01b
20
80
A
B
90
60
0.04
0.40
7
12
15
VIN = 2.5V


Similar Part No. - LTC3713

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3713 LINER-LTC3713 Datasheet
254Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC3713 LINER-LTC3713_15 Datasheet
290Kb / 24P
Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
More results

Similar Description - LTC3713

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
No RSENSE Synchronous Step-Up DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC1700 LINER-LTC1700_15 Datasheet
206Kb / 16P
No RSENSE Synchronous Step-Up DC/DC Controller
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3713 LINER-LTC3713_15 Datasheet
290Kb / 24P
Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com