Electronic Components Datasheet Search
  English  ▼

X  

LTC3713 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3713
Description  Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3713 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3713 Datasheet HTML 2Page - Linear Technology LTC3713 Datasheet HTML 3Page - Linear Technology LTC3713 Datasheet HTML 4Page - Linear Technology LTC3713 Datasheet HTML 5Page - Linear Technology LTC3713 Datasheet HTML 6Page - Linear Technology LTC3713 Datasheet HTML 7Page - Linear Technology LTC3713 Datasheet HTML 8Page - Linear Technology LTC3713 Datasheet HTML 9Page - Linear Technology LTC3713 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC3713
3713fa
TYPICAL PERFOR A CE CHARACTERISTICS
Feedback Reference Voltage vs
Temperature
Error Amplifier gm vs
Temperature
INTVCC Load Regulation
Current Sense Threshold vs ITH
Voltage
FCB Pin Current vs Temperature
RUN/SS Pin Current vs
Temperature
RUN/SS Latchoff Thresholds vs
Temperature
Undervoltage Lockout Threshold
vs Temperature
TEMPERATURE (
°C)
–50
0.78
0.79
0.80
0.81
0.82
–25
0
25
50
3713 G20
75
100
125
TEMPERATURE (
°C)
–50
–25
1.0
1.4
2.0
0
50
75
3713 G21
1.2
1.8
1.6
25
100
125
INTVCC LOAD CURRENT (mA)
0
–0.2
–0.1
0
40
3713 G22
–0.3
–0.4
–0.5
10
20
30
50
ITH VOLTAGE (V)
0
–200
–100
0
100
200
300
0.5
1.0
1.5
2.0
3713 G23
2.5
3.0
VRNG =
1V
0.7V
0.5V
1.4V
2V
TEMPERATURE (
°C)
–50
–0.50
–0.25
0
25
75
3713 G24
–0.75
–1.00
–25
0
50
100
125
–1.25
–1.50
TEMPERATURE (
°C)
–50
–25
–2
0
3
0
50
75
3713 G25
–1
2
1
25
100
125
PULL-UP CURRENT
PULL-DOWN CURRENT
TEMPERATURE (
°C)
–50
3.0
3.5
4.0
4.5
5.0
–25
0
25
50
3713 G26
75
100
125
LATCHOFF ENABLE
LATCHOFF THRESHOLD
TEMPERATURE (C)
–50
2.0
2.5
3.0
3.5
4.0
–25
0
25
50
3713 G27
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com