Electronic Components Datasheet Search
  English  ▼

X  

LTC3713 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3713
Description  Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3713 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3713 Datasheet HTML 16Page - Linear Technology LTC3713 Datasheet HTML 17Page - Linear Technology LTC3713 Datasheet HTML 18Page - Linear Technology LTC3713 Datasheet HTML 19Page - Linear Technology LTC3713 Datasheet HTML 20Page - Linear Technology LTC3713 Datasheet HTML 21Page - Linear Technology LTC3713 Datasheet HTML 22Page - Linear Technology LTC3713 Datasheet HTML 23Page - Linear Technology LTC3713 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC3713
3713fa
TYPICAL APPLICATIO S
Dual Output 1.25V/10A Buck Converter and 5V to 12V/130mA Boost Converter
CSS
0.1
µF
C2
100pF
RC
20k
RPG
100k
RUN/SS
VON
PGOOD
VRNG
FCB
ITH
SGND1
ION
VFB1
SHDN
SGND2
VFB2
BOOST
TG
SW1
SENSE+
SENSE–
PGND1
BG
INTVCC
VIN1
VIN2
PGND2
SW2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LTC3713
C1
680pF
RON
330k
RF2
5.6k
PGOOD
RF1
10k
RF3
12.3k
RF4
107k
RF5
10k
RF
1
Ω
CF4
200pF
CIN2
22
µF
X5R
10V
L2
10
µH
D3
MBR0520
M2
IRF7811A
×2
D2
B340A
3713 TA02
L1
1.8
µH
CVCC
4.7
µF
X5R
6.3V
CF
0.1
µF
CB
0.33
µF
DB
CMDSH-3
COUT1
270
µF
×2
M1
IRF7811A
COUT2
4.7
µF
X5R
16V
VIN2
5V
VOUT2
12V
130mA
VIN1
5V TO 24V
VOUT1
1.25V
10A
CINIA
22
µF
X5R
6.3V
×2
CINIA, CIN2: TAIYO YUDEN JMK325BJ226MM
CINIB: AVX TSPE337K010R0060
COUT1: PANASONIC EEFUEOD271R
COUT2: TAIYO YUDEN EMK316BJ475ML
CVCC: TAIYO YUDEN JMK212BJ475MG
L1: TOKO D104C-1.8
µH
L2: PANASONIC ELJPC4R7MF
1
Ω
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com