Electronic Components Datasheet Search
  English  ▼

X  

LTC3713 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3713
Description  Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3713 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3713 Datasheet HTML 13Page - Linear Technology LTC3713 Datasheet HTML 14Page - Linear Technology LTC3713 Datasheet HTML 15Page - Linear Technology LTC3713 Datasheet HTML 16Page - Linear Technology LTC3713 Datasheet HTML 17Page - Linear Technology LTC3713 Datasheet HTML 18Page - Linear Technology LTC3713 Datasheet HTML 19Page - Linear Technology LTC3713 Datasheet HTML 20Page - Linear Technology LTC3713 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC3713
3713fa
loss. For example, if RDS(ON) = 0.01Ω and RL = 0.005Ω, the
loss will range from 1% up to 10% as the output current
varies from 1A to 10A for a 1.5V output.
2. Transition loss. This loss arises from the brief amount
of time the top MOSFET spends in the saturated region
during switch node transitions. It depends upon the input
voltage, load current, driver strength and MOSFET capaci-
tance, among other factors. The loss is significant at input
voltages above 20V and can be estimated from:
Transition Loss
≅ (1.7A–1) VIN2 IOUT CRSS f
3. INTVCC current. This is the sum of the MOSFET driver
and control currents.
4. CIN loss. The input capacitor has the difficult job of
filtering the large RMS input current to the regulator. It
must have a very low ESR to minimize the AC I2R loss and
sufficient capacitance to prevent the RMS current from
causing additional upstream losses in fuses or batteries.
Other losses, including COUT ESR loss, Schottky diode D1
conduction loss during dead time and inductor core loss
generally account for less than 2% additional loss.
When making adjustments to improve efficiency, the input
current is the best indicator of changes in efficiency. If you
make a change and the input current decreases, then the
efficiency has increased. If there is no change in input
current, then there is no change in efficiency.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
∆ILOAD (ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating a feedback error signal used
by the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability
problem. The ITH pin external components shown in
Figure 1 will provide adequate compensation for most
applications. For a detailed explanation of switching
control loop theory see Application Note 76.
Design Example
As a design example, take a supply with the following
specifications: VIN = 1.8V to 3.3V, VOUT = 1.25V ±100mV,
IOUT(MAX) = 6A, f = 300kHz. First, calculate the timing
resistor with VON = VOUT:
R
VV
V
kHz
pF
k
ON ==
(.
– .
)
( .
)(
)(
)
25
07
2 5
300
10
240
Next, use a standard value of 237k and choose the inductor
for about 40% ripple current at the maximum VIN:
L
V
kHz
A
V
V
H
=


=µ
125
300
0 4 6
1
125
33
108
.
(
)( . )(
)
–
.
.
.
Selecting a standard value of 1
µH results in a maximum
ripple current of:
∆=
µ


=
I
V
kHz
H
V
V
A
L
125
300
1
1
125
33
26
.
()(
)
–
.
.
.
Next, choose the synchronous MOSFET switch. Choosing
an IRF7811A (RDS(ON) = 0.013Ω, CRSS = 60pF, θJA =
50
°C/W) yields a nominal sense voltage of:
VSNS(NOM) = (6A)(1.3)(0.013Ω) = 101.4mV
Tying VRNG to 1V will set the current sense voltage range
for a nominal value of 100mV with current limit occurring
at 133mV. To check if the current limit is acceptable,
assume a junction temperature of about 10
°C above a
50
°C ambient with ρ60°C = 1.15:
I
mV
AA
LIMIT ≥
Ω
+=
133
1 15 0 013
1
2
2 6
10 2
(.
)( .
)
(.
)
.
and double check the assumed TJ in the MOSFET:
P
VV
V
A
W
BOT =


Ω
=
33
125
33
10 2
2
1 15 0 013
024
2
.– .
.
.
(.
)( .
)
.
TJ = 50°C + (0.24W)(50°C/W) = 62°C
Now check the power dissipation of the top MOSFET at
current limit with
ρ80°C = 1.3:
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com