Electronic Components Datasheet Search
  English  ▼

X  

LTC3713 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3713
Description  Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3713 Datasheet(HTML) 5 Page - Linear Technology

  LTC3713 Datasheet HTML 1Page - Linear Technology LTC3713 Datasheet HTML 2Page - Linear Technology LTC3713 Datasheet HTML 3Page - Linear Technology LTC3713 Datasheet HTML 4Page - Linear Technology LTC3713 Datasheet HTML 5Page - Linear Technology LTC3713 Datasheet HTML 6Page - Linear Technology LTC3713 Datasheet HTML 7Page - Linear Technology LTC3713 Datasheet HTML 8Page - Linear Technology LTC3713 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC3713
3713fa
Frequency vs Input Voltage
Load Regulation
On-Time vs ION Current
On-Time vs VON Voltage
On-Time vs Temperature
Current Limit Foldback
Maximum Current Sense
Threshold vs VRNG Voltage
Maximum Current Sense
Threshold vs RUN/SS Voltage
Maximum Current Sense
Threshold vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
LOAD CURRENT (A)
0
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
3713 G11
2
10
5
1
38
9
7
6
4
FIGURE 1 CIRCUIT
INPUT VOLTAGE (V)
1.5
350
300
250
200
150
100
50
0
3.0
4.0
3713 G12
2.0
2.5
3.5
4.5
5.0
FIGURE 1 CIRCUIT
LOAD = 0A
LOAD = 6A
ION CURRENT (µA)
1
10
100
1k
10k
10
100
3713 G13
VVON = 0V
VON VOLTAGE (V)
0
400
600
3713 G14
200
0
1
2
3
1000
IION = 30µA
800
TEMPERATURE (
°C)
–50
200
250
300
25
75
3713 G15
150
100
–25
0
50
100
125
50
0
IION = 30µA
VFB (V)
0
0
25
50
75
100
125
150
VRNG = 1V
0.2
0.4
0.6
0.8
3713 G16
VRNG VOLTAGE (V)
0.5
0
50
100
150
200
300
0.75
1.0
1.25
1.5
3713 G17
1.75
2.0
250
RUN/SS VOLTAGE (V)
1.5
0
25
50
75
100
125
150
VRNG = 1V
2
2.5
3
3.5
3713 G18
TEMPERATURE (
°C)
–50
–25
100
120
150
0
50
75
3713 G19
110
140
130
25
100
125
VRNG = 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com