Electronic Components Datasheet Search
  English  ▼

X  

RM4301ASEA Datasheet(PDF) 7 Page - Sames

Part # RM4301ASEA
Description  Low-Cost Three-Phase Watt-Hour Energy Meter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4301ASEA Datasheet(HTML) 7 Page - Sames

Back Button RM4301ASEA Datasheet HTML 3Page - Sames RM4301ASEA Datasheet HTML 4Page - Sames RM4301ASEA Datasheet HTML 5Page - Sames RM4301ASEA Datasheet HTML 6Page - Sames RM4301ASEA Datasheet HTML 7Page - Sames RM4301ASEA Datasheet HTML 8Page - Sames RM4301ASEA Datasheet HTML 9Page - Sames RM4301ASEA Datasheet HTML 10Page - Sames RM4301ASEA Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
http://www.sames.co.za
7/19
PRELIMINARY
RM4301ASEA
components. To ensure this the complete meter is protected
with an S20K420 MOV (Metal Oxide Varistor) from each
phase to neutral to clamp any high voltage potentials . A
10nF capacitor is placed in parallel with each MOV to
ensure that any parasitic inductance that can increase the
amplitude and duration of dangerous voltage spikes, is
cancelled. Each LIVE IN and NEUTRAL input is connected
directly across an MOV with the lowest possible impedance.
With the MOV and the protection capacitor in place all
extremely high voltage levels are clamped. Typically a larger
MOV can absorb more energy and will therefore be more
effective at clamping high voltage levels to protect the
SA4301A. The subsequent filtering and attenuation of the
input networks will also ensure that no damage can occur to
the SA4301A by further reducing the voltage levels that can
reach the device.
An MOV alone will not be sufficient to ensure that the
meters performance is not affected by the presence of
electromagnetic disturbances during operation. All high
frequency signal components need adequate filtering by the
filters in the current sensing networks, voltage sensing
networks and the power supply. This should ensure that the
meters performance is not affected by the presence of high
frequency signals that are directly applied (FTB test) or
induced (HF immunity test). The immunity to these types of
interference can be improved by reducing the cut-off
frequency of the filter networks. This is however only
practical to a certain point, before poor matching between
the filters on the voltage and current channels causes
linearity issues at non-unity power factor. Alternatively ferrite
beads could be used to enhance the filtering, by using them
between the SA4301A and the power supply on the VDD,
VSS and GND lines. This is however seldom necessary.
PCB DESIGN CONSIDERATIONS
There are numerous PCB design aspects to consider when
designing an energy meter using the SA4301A. These
principles have all been incorporated in the sample PCB
layout given in the “PCB Layout” section.
The first is the location of critical components. The current
and voltage sensing input resistors (RX13 and RX16 to
RX19) with their associated low pass filtering capacitors
(CX1 to CX3) should be located as close to the device pins
as possible. The same holds for the reference resistor (R3)
and the supply bypass capacitors (C10 to C12). All these
resistors should be 1% metal film resistors.
Special care is required as far as the current transformer
burden resistors are concerned. Very often the low ohmic
resistors have poor temperature coefficient which will affect
the performance of the meter. It has been found that
standard leaded resistors are more suitable for the burden
resistors than the surface mount equivalents.
The SA4301A should be placed on a solid ground plane that
is connected to the AGND pin of the device. This ground
plane should be kept clear of noise by only connecting it to
the ground plane of the power supply and the NEUTRAL
input at a single point. It should also be kept away from any
high frequency, high voltage or high current signals that may
induce noise. For example, the first section of the voltage
input attenuation network (RX0 to RX2) should be placed far
away from this ground plane. If a ferrite bead is used to
connect the rest of the meters ground to this ground plane
then identical ferrite beads must be placed into the power
supply lines (VDD and VSS) If only a single ferrite bead is
placed some signals are filtered and others are not, which
will create differential noise between the unfiltered and the
filtered signals. This will affect the performance of the
SA4301A in the presence of electromagnetic disturbance.
As far as the immunity to electromagnetic interference is
concerned the guideline is simply to minimize the parasitic
inductance. Each PCB net has a parasitic inductance and if
this is not sufficiently small it could cause resonance with
the parasitic capacitance at low enough frequencies to
affect the performance on the HF interference test or the
FTB test. Keeping the PCB tracks as short as possible is
one method to avoid this scenario. Parasitic inductance is
also a factor that can render the MOV almost useless
because a voltage spike can be amplified in both magnitude
and duration by series inductance. The capacitor in parallel
with the MOV cancels some of this inductance but still all
possible measures to avoid parasitic inductance should be
adhered to.
DETAIL DESIGN
The detailed specifications are:
Nominal voltage: VNOM = 220V
Maximum current: IMAX = 60A
Basic current:
Ib = 10A
Mains frequency: fMains = 50Hz
CT:
NCT = 1000, fCT = 0.09º
Pulse constant:
800imp/kWh
Motor constant:
100imp/kWh
Using the design equations derived earlier:
equation(1):
RB = 0.83W ≈ 1.2W (readily available)
equation(2):
RC ≈ 2.2kW
equation(3):
Target fCI,-3dB = 10kHz for best immunity and
so CC ≈ 15nF
equation(6):
fII = -0.297º
equation(7):
fIV = -0.207º
equation(8):
RX12 ≈ 750
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com