Electronic Components Datasheet Search
  English  ▼

X  

RM4301ASEA Datasheet(PDF) 6 Page - Sames

Part # RM4301ASEA
Description  Low-Cost Three-Phase Watt-Hour Energy Meter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4301ASEA Datasheet(HTML) 6 Page - Sames

Back Button RM4301ASEA Datasheet HTML 2Page - Sames RM4301ASEA Datasheet HTML 3Page - Sames RM4301ASEA Datasheet HTML 4Page - Sames RM4301ASEA Datasheet HTML 5Page - Sames RM4301ASEA Datasheet HTML 6Page - Sames RM4301ASEA Datasheet HTML 7Page - Sames RM4301ASEA Datasheet HTML 8Page - Sames RM4301ASEA Datasheet HTML 9Page - Sames RM4301ASEA Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
http://www.sames.co.za
6/19
PRELIMINARY
RM4301ASEA
POWER SUPPLY
The RM4301ASEA meter uses a transformer based supply
with a single 7805 regulator to generate a stable 5V supply.
This supply is then split into two 2.5V supplies by means of
a resistive divider. The center of this divider is connected to
the reference level of the meter to create the required +2.5V
and -2.5V power supply for the SA4301A. The complete
power supply circuit is shown in Figure 4. Due to the use of
transformers this supply can still operate the circuit when
two phases are missing and the mains voltage drops to
below 0.8VNOM. Additionally it conforms to the power
requirements of the IEC specification, even when the mains
voltage increases to beyond 1.2VNOM.
TAMPER INDICATORS
The SA4301A has built in tamper indication features that
use six LEDs to display the mains voltage failure as well as
reverse energy on a per phase basis. The RM4301ASEA
contains the standard LED tamper array in order to display
these tamper conditions as shown in Figure 5. If a specific
mains voltage LED is off this means that that mains voltage
has failed. Reverse energy is indicated by a specific
direction LED turning on. Should all three mains voltage
LEDs flash, a phase sequence error is present.
IMMUNITY TO ELECTROMAGNETIC
DISTURBANCE
The typical electromagnetic disturbances that can cause the
meter to fail or incorrectly record energy are:
n
Electrostatic discharge and surges
n
Electromagnetic HF (high frequency) fields
n
Fast transient burst (FTB)
Typically these disturbances will either cause complete and
permanent failure by damaging the sensitive CMOS circuitry
of the SA4301A through high voltage levels or cause
incorrect registration of energy through high frequency
signals that are aliased into the operating bandwidth of the
device, thereby disrupting the energy calculation algorithm.
The immunity of a class 1 watt-hour meter to these types of
disturbances
is
prescribed
by
the
IEC62053-21
specification.
Generally two protection mechanisms are required. The first
is to ensure that dangerously high voltage levels are
sufficiently attenuated or clamped so that no permanent
damage can occur to the SA4301A and other sensitive
1N4007
VSS
-2.5V
NEUTRAL
D4
1N4007
D5
1N4007
D6
78L05
LIVE IN3
LIVE IN2
LIVE IN1
+ C4
470µF
D1
D2
D3
C3
10nF
C2
10nF
C1
10nF
S20K420
S20K420
S20K420
C5
100nF
+ C6
22µF
C7
100nF
C8
100nF
C9
100nF
R2
1k
W
R1
1k
W
+2.5V
VDD
T1
T2
T3
1N4007
VSS
-2.5V
NEUTRAL
D4
1N4007
D5
1N4007
D6
78L05
LIVE IN3
LIVE IN2
LIVE IN1
+ C4
470µF
D1
D2
D3
C3
10nF
C2
10nF
C1
10nF
S20K420
S20K420
S20K420
C5
100nF
+ C6
22µF
C7
100nF
C8
100nF
C9
100nF
R2
1k
W
R1
1k
W
+2.5V
VDD
T1
T2
T3
Figure 4: Circuit diagram of the power supply circuit
R6
1k
W
SA4301A
PH/DIR
PH3
R5
1k
W
PH2
R4
1k
W
PH1
D7
D8
MAINS1
DIR1
D9
D10
MAINS2
DIR2
D11
D12
MAINS3
DIR3
R6
1k
W
SA4301A
PH/DIR
PH3
R5
1k
W
PH2
R4
1k
W
PH1
D7
D8
MAINS1
DIR1
D9
D10
MAINS2
DIR2
D11
D12
MAINS3
DIR3
Figure 5: Tamper LED array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com