Electronic Components Datasheet Search
  English  ▼

X  

RM4301ASEA Datasheet(PDF) 3 Page - Sames

Part # RM4301ASEA
Description  Low-Cost Three-Phase Watt-Hour Energy Meter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4301ASEA Datasheet(HTML) 3 Page - Sames

  RM4301ASEA Datasheet HTML 1Page - Sames RM4301ASEA Datasheet HTML 2Page - Sames RM4301ASEA Datasheet HTML 3Page - Sames RM4301ASEA Datasheet HTML 4Page - Sames RM4301ASEA Datasheet HTML 5Page - Sames RM4301ASEA Datasheet HTML 6Page - Sames RM4301ASEA Datasheet HTML 7Page - Sames RM4301ASEA Datasheet HTML 8Page - Sames RM4301ASEA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
http://www.sames.co.za
3/19
PRELIMINARY
RM4301ASEA
RX18
R
C
RX16
R
C
LIVE OUT
LIVE IN
RX19
R
C
RX17
R
C
SA4301A
IIP
IIN
AGND
CX2
C
C
CX3
C
C
RX14
R
B
RX15
R
B
1:N
CT
CT
RX18
R
C
RX16
R
C
LIVE OUT
LIVE IN
RX19
R
C
RX17
R
C
SA4301A
IIP
IIN
AGND
CX2
C
C
CX3
C
C
RX14
R
B
RX15
R
B
1:N
CT
CT
Figure 2: Circuit diagram of one current sensing network
C
C
CI,-3dB
C
R
1
f
p
=
(3)
This frequency should be somewhere between 10kHz and
20kHz to ensure both adequate attenuation at integer
multiples of the analog to digital converters sampling
frequency, and very low phase shift and gain error at mains
frequency and its relevant harmonics. The requirement for
the very low phase shift is explained under the “Voltage
Sense Networks” section.
VOLTAGE SENSING NETWORK
The voltage sensing networks perform similar functions to
the current sensing networks. They sense the mains
voltages and convert them to the input current signals
required by the SA4301A, as well as compensating for the
phase shift of the current transformers used on the current
sensing networks. They also filter all unwanted signals and
thereby ensure that the performance of the SA4301A is not
affected. The voltage sensing network for one phase is
shown in Figure 3. The sensing networks for all phases are
identical.
The voltage sensing network is composed of an adjustable
voltage divider (resistors RX0 to RX12) and the current input
resistor RX13 that generates the required current input
signal for the SA4301A. The first consideration when
designing the voltage sensing network is that the -3dB cut-
off frequency has to be accurately related to that of the
current sensing network. This is important to ensure that the
phase shift experienced by the voltage and current signals
is identical. If this is not the case the energy meter will have
poor
performance
under
non-unity
power
factor
conditions. The high cut-off frequency of the input network
filters does ensure that this matching does not have to be
extremely precise. This allows component tolerances to be
accommodated without seriously affecting the performance
of the meter. The best matching conditions between the cut-
off frequencies is achieved by using identical capacitors on
both the current and voltage sensing networks, so CX1
should equal CX2 and CX3. The IVP input is a virtual short
circuit to analog ground (AGND) so the equivalent
resistance associated with CX1 is
X
1
CX
equ
R
||
13
RX
||
12
RX
R
=
-
(4)
where RX is the series combination of RX0, RX1, RX2 and
Rtrim. Further, Rtrim is the series combination of the resistors
RX3 to RX11 that can be enabled or disabled to calibrate
the meter. If both RX and RX13 are designed to be
significantly larger than RX12 then
12
RX
R
1
CX
equ
»
-
.
(5)
The overall phase shift of the current sensing networks and
the voltage sensing networks needs to be matched to
ensure that the performance of the meter at non-unity power
factors will not be affected. This is done by purposefully
increasing the -3dB cut-off frequency of the anti-alias filters
on the voltage input networks.
The phase shift of the current input network is
)
f
C
R
arctan(
Mains
C
C
II
´
p
-
=
f
.
(6)
Additionally it is given that the phase shift of the voltage
input network has to be
CT
II
IV
f
+
f
=
f
,
(7)
where
fCT is the phase shift of the current transformer.
Assuming the result of equation (5) the value of RX12 can
be calculated as
Mains
C
IV
f
C
2
tan
12
RX
´
p
f
=
,
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com