Electronic Components Datasheet Search
  English  ▼

X  

RM4301ASEA Datasheet(PDF) 5 Page - Sames

Part # RM4301ASEA
Description  Low-Cost Three-Phase Watt-Hour Energy Meter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4301ASEA Datasheet(HTML) 5 Page - Sames

  RM4301ASEA Datasheet HTML 1Page - Sames RM4301ASEA Datasheet HTML 2Page - Sames RM4301ASEA Datasheet HTML 3Page - Sames RM4301ASEA Datasheet HTML 4Page - Sames RM4301ASEA Datasheet HTML 5Page - Sames RM4301ASEA Datasheet HTML 6Page - Sames RM4301ASEA Datasheet HTML 7Page - Sames RM4301ASEA Datasheet HTML 8Page - Sames RM4301ASEA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
http://www.sames.co.za
5/19
PRELIMINARY
RM4301ASEA
SA4301A RELATED CIRCUITRY
All aspects discussed in this section are illustrated on the
complete meter schematic (Figure 7). The SA4301A
requires a split supply of +2.5V (VDD) and -2.5V (VSS)
around the meter ground node, which has to be connected
to the AGND pin of the SA4301A. These three supply lines
have to be properly decoupled using capacitors C10 and
C11 (220nF ceramic each) between the supplies and
ground and C12 (1μF ceramic) between the two supplies.
These capacitors are required to achieve good performance
and have to be placed as close to the device as possible.
Their placement is as important as their presence, placing
them more than a few millimeters away from the device
renders them useless. The on-chip reference current is
derived from a 47k
W resistor (R3) connected between VREF
and VSS. This resistor must be a 1% tolerance metal film
type or similar. The metal film ensures that less noise will be
induced into the device pin. This reference resistor should
be placed as close as possible to the device and C11.
The internal pulse dividers of the SA4301A are configured
through the pins RA, RB and FMS. These pins must either
be tied to VDD, VSS, PH/DIR or left floating. The FMS pin
cannot be tied to PH/DIR and will enable a fast pulse output
mode when left floating, which is typically not applicable to
an energy meter of this type. The setup pins should be
directly connected to VDD, VSS or PH/DIR, no pull-up or
pull-down resistors are required.
The stepper motor used to display the consumed energy
should be connected to the MOP and MON pins through two
small current limiting resistors (R8 and R9). For calibration
and performance verification purposes an LED and opto-
isolator are connected in series to the LED output pin of the
SA4301A. This output is active low so the LED and opto-
isolator are connected through a current limiting resistor to
VDD.
For more elaborate information on setting up and using the
SA4301A, refer to the SA4301A datasheet available on the
SAMES website at www.sames.co.za or from any SAMES
representative.
SETUP OF RA, RB AND FMS FOR RATED
CONDITIONS
The following equations and table state the basic pulse
constants and motor constants obtainable with the
SA4301A.
The pulse rate of the LED output for a balanced 3 phase
load is:
MAX
NOM
LED
I
V
3
1000
3600
LED
_
DF
1
5000
16
IVP
p/kWh
´
´
´
´
´
´
=
(16)
where IVP is the input current to the SA4301A at VNOM and
assuming that the input current at IMAX on the current inputs
is 16µARMS. For VNOM = 220V the IVP input current should
typically be 11μA.
The motor output pulse rate is
MO
_
DF
1
p/kWh
p/kWh
LED
MOTOR
´
=
(17)
The variables DF_LED and DF_MO are defined by setting
FMS, RA and RB according to Table 2.
FMS
RB
RA
DF_LED
DF_MO
0
0
0
146
128
0
0
1
292
64
0
0
Z
584
32
0
0
PH/DIR
1168
16
0
1
0
146
64
0
1
1
292
32
0
1
Z
584
16
0
1
PH/DIR
1168
8
0
Z
0
146
32
0
Z
1
292
16
0
Z
Z
584
8
0
Z
PH/DIR
1168
4
0
PH/DIR
0
146
16
0
PH/DIR
1
292
8
0
PH/DIR
Z
584
4
0
PH/DIR
PH/DIR
1168
2
1
0
0
976
32
1
0
1
1952
16
1
0
Z
234
32
1
0
PH/DIR
468
16
1
1
0
392
16
1
1
1
784
8
1
1
Z
234
16
1
1
PH/DIR
468
8
1
Z
0
392
8
1
Z
1
784
4
1
Z
Z
234
8
1
Z
PH/DIR
468
4
1
PH/DIR
0
196
8
1
PH/DIR
1
392
4
1
PH/DIR
Z
156
8
1
PH/DIR
PH/DIR
312
4
Table 2: Division factors available on the SA4301A
‘0' indicates that the input is connected to VSS
'1' indicates that the input is connected to VDD
'Z' indicates that the input is left floating
'PH/DIR' indicates that the input is connected to PH/DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com