Electronic Components Datasheet Search
  English  ▼

X  

RM4301ASEA Datasheet(PDF) 8 Page - Sames

Part # RM4301ASEA
Description  Low-Cost Three-Phase Watt-Hour Energy Meter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4301ASEA Datasheet(HTML) 8 Page - Sames

Back Button RM4301ASEA Datasheet HTML 4Page - Sames RM4301ASEA Datasheet HTML 5Page - Sames RM4301ASEA Datasheet HTML 6Page - Sames RM4301ASEA Datasheet HTML 7Page - Sames RM4301ASEA Datasheet HTML 8Page - Sames RM4301ASEA Datasheet HTML 9Page - Sames RM4301ASEA Datasheet HTML 10Page - Sames RM4301ASEA Datasheet HTML 11Page - Sames RM4301ASEA Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
http://www.sames.co.za
8/19
PRELIMINARY
RM4301ASEA
equation(9):
fCI,-3dB ≈ 14.1kHz (acceptable)
equation(12):
RX = 200kW
equation(13):
choose RX0 = RX1 = 62k
W and obtain
RX2 ≈ 47k
W
equation(14):
RX3 = 30k
W
equation(15):
RX4 = 15k
W, RX5 = 7.5kW, RX6 = 3.9kW,
RX7 = 2k
W, RX8 = 1kW, RX9 = 470W, RX10
= 240
W, and RX11 = 120W. Some ratios are
not entirely accurate, but to ensure low cost
it is important to use only standard resistor
values.
equation(16):
using IVP = 11 obtain DF_LED ≈ 392
equation(17):
DF_MO = 8
Table 2:
FMS = '1', RB = 'Z', RA = '0'
MEASURING THE PHASE SHIFT OF
CURRENT TRANSFORMERS
The SA4301A derives the input current on the current sense
networks directly from the current transformers. For this
reason the actual phase shift added by the current
transformer is usually less than the manufacturers
specification. It is therefore advisable to measure the phase
shift in application on a small sample of CTs. The best
method to use is:
1. Design and implement the circuit using the procedure
described. Assume ½ the manufactures specification for
the phase shift of the CT when calculating the
component values.
2. When assembling the PCB do not place the capacitors
on the voltage sense networks.
3. Calibrate the meter at unity power factor using the
procedure described in the “Calibrating the Meter”
section. Ensure the error is as close to zero as possible.
4. Measure the error at power factor 0.5 lag and 0.5 lead
for each phase individually. Ensure that the error is
positive for 0.5 lag and negative for 0.5 lead. If this is not
the case the phase shift of the CTs is too large or the
cut-off frequency of the anti-alias filters on the current
input networks is too high.
5. Obtain the average of the absolute values of the errors
at 0.5 lag and 0.5 lead on all phases.
6. Using the result from step 5 calculate the overall phase
shift of the current sensing network. This value is the
phase shift of both the current transformer and the anti-
alias filter combined and is equal to the required phase
shift for the voltage sensing network:
÷÷
ø
ö
çç
è
æ
÷
ø
ö
ç
è
æ -
´
-
=
f
+
f
=
f
100
Error
%
1
5
.
0
arccos
60o
CT
II
IV
(18)
7. Given the theoretical value of the current input network
phase shift from equation (6) the value of
fCT can be
calculated.
8. Recalculate RX12 and RX13 and modify the PCB. Also
add the voltage network compensation capacitors.
9. Recalibrate the meter and verify the performance at non-
unity power factor.
CALIBRATING THE METER
The RM4301ASEA is calibrated by means of a resistive
ladder on the voltage sensing networks. The nine resistors
can be chosen to represent any desired calibration range.
The calibration accuracy can be extended by adding
resistors to the ladder network. Soldering a jumper in
parallel with a resistor closed will remove that resistor from
the voltage divider network thereby providing a larger input
current to the SA4301A and so increasing the output
energy. The RM4301ASEA should be calibrated phase by
phase with all three mains voltages present at all times.
Each phase can be calibrated by first short circuiting resistor
RX3. If the error is now positive a larger resistance is
required so the jumper across RX3 is opened before
proceeding to the next resistor in the network (RX4). If the
error is negative then the process is simply continued with
the next resistor. These steps are repeated for all nine
resistors in the ladder network. The SA4301A is linear over
the
dynamic
range
required
by
the
IEC62053-21
specification, so calibration is only required at one current
value. Typically the basic current (Ib) is chosen as the
calibration point. The repeatability of error measurements at
Ib is typically better than 0.1% so the error of the meter can
typically be measured accurately by a single integration of a
very small number of pulses.
PCB CONNECTIONS
The three CTs for phases 1 to 3 are connected to JA11A /
JA11B, JB11A / JB11B and JC11A / JC11B respectively.
The current transformers should be connected such that a
positive current flows into JA11B, JB11B and JC11B when
forward energy is applied to the meter. The three mains
voltages should be connected to JA1, JB1 and JC1
respectively while the NEUTRAL line must be connected to
J1. The opto-isolator output should be connectd to J2 while
the stepper motor or impulse counter is connected to J3.
JUMPER OPTIONS
The RM4301ASEA meter is equipped with several
solderable selectors, which allow the meter to be set up
according to the required specifications. Table 3 describes
the functionality of the various jumpers. When working on
the meter care should be taken to avoid electric shock due
to the high voltages present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com