Electronic Components Datasheet Search
  English  ▼

X  

RM4301ASEA Datasheet(PDF) 1 Page - Sames

Part # RM4301ASEA
Description  Low-Cost Three-Phase Watt-Hour Energy Meter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

RM4301ASEA Datasheet(HTML) 1 Page - Sames

  RM4301ASEA Datasheet HTML 1Page - Sames RM4301ASEA Datasheet HTML 2Page - Sames RM4301ASEA Datasheet HTML 3Page - Sames RM4301ASEA Datasheet HTML 4Page - Sames RM4301ASEA Datasheet HTML 5Page - Sames RM4301ASEA Datasheet HTML 6Page - Sames RM4301ASEA Datasheet HTML 7Page - Sames RM4301ASEA Datasheet HTML 8Page - Sames RM4301ASEA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
RM4301ASEA Application Note:
Low-Cost Three-Phase Watt-Hour Energy Meter
SPEC-2368 (REV. 1)
1/19
PRELIMINARY
25-04-07
RM4301ASEA
FEATURES
n
Designed to exceed IEC62053-21 requirements for
class 1 active energy meters
n
Selectable rated conditions, LED pulse rates and
counter resolutions
n
On-board precision calibration
n
Direct drive capability for stepper motor or impulse
counter
n
Opto-isolated output for connection to measurement
equipment
n
Per phase mains voltage and energy direction indicator
LEDs
INTRODUCTION
This application note addresses various design aspects of a
low-cost three-phase watt-hour energy meter based on the
SAMES SA4301A integrated circuit. The SA4301A is a
single-chip solution for accurate bi-directional three-phase
energy measurement. It incorporates an on-chip oscillator
and has a direct drive capability for a stepper motor or an
impulse counter. The emphasis for the design of this meter
has been placed on exceeding the specifications whilst
incurring the lowest possible cost. The specification for this
design is the International Standards IEC62053-21. This
meter is designed to meet all class 1 sections of the
IEC62053-21
specification
that
relate
to
electrical
characteristics.
METER SPECIFICATIONS
A basic meter block diagram using the SA4301A is shown in
Figure 1. The three load currents are sensed with
current transformers and converted to the required input
currents via the current input networks. The scaled mains
voltage signals are applied to the SA4301A via three voltage
divider circuits. Calibration is done by means of a resistive
network on these voltage sensing networks. Both the
current and voltage input networks incorporate low-pass
filters to improve the meters performance, especially the
immunity to electromagnetic disturbances. The measured
energy is displayed on a stepper motor or an impulse
counter. An LED as well as an optical isolator provide an
electrically isolated connection to measurement equipment
during calibration and performance verification.
The most important IEC62053-21 class 1 accuracy
specifications to which the meter was designed are listed in
Table 1 on page 2. The typical value of IMAX is 4x to 10x Ib.
SA4301A
Energy
Metering
Device
Differential Current
Sensing Network
IIP
IIN
LIVE OUT
LIVE IN
AGND
Voltage
Sensing Network
IVP
NEUTRAL
Power Supply
VDD
VSS
VDD
VSS
Reference
Resistor
VREF
Stepper
Motor
MOP
MON
Device
Setup
RA, RB
FMS
MS
LED
Calibration
LED
Opto-
isolator
VDD
Isolated
Pulse
Output
4
Tamper LED
Array
PH1, PH2
PH3
PH/DIR
4
3X - Once for each phase
3
SA4301A
Energy
Metering
Device
Differential Current
Sensing Network
IIP
IIN
LIVE OUT
LIVE IN
AGND
Voltage
Sensing Network
IVP
NEUTRAL
Power Supply
VDD
VSS
VDD
VSS
Reference
Resistor
VREF
Stepper
Motor
MOP
MON
Device
Setup
RA, RB
FMS
MS
LED
Calibration
LED
Opto-
isolator
VDD
Isolated
Pulse
Output
4
Tamper LED
Array
PH1, PH2
PH3
PH/DIR
4
3X - Once for each phase
3
Figure 1: Block diagram of a three-phase watt-hour meter based on the SA4301A


Similar Part No. - RM4301ASEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RM4391D FAIRCHILD-RM4391D Datasheet
153Kb / 22P
Inverting and Step-Down Switching Regulator
More results

Similar Description - RM4301ASEA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
Single Phase Energy Meter IC
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030 Datasheet
193Kb / 20P
Three-Phase Energy Meter Chipset
REV.0
ADSST-EM-3035 AD-ADSST-EM-3035 Datasheet
330Kb / 20P
SALEM Three-Phase Electronic Energy Meter
REV.0
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL0952A BELLING-BL0952A Datasheet
516Kb / 13P
Three-phase Active Energy Meter
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030_15 Datasheet
153Kb / 20P
Three-Phase Energy Meter Chipset
REV. 0
ADSST-EM-3035 AD-ADSST-EM-3035_15 Datasheet
581Kb / 20P
SALEM Three-Phase Electronic Energy Meter
REV. 0
logo
Sames
RM4104ASEB SAMES-RM4104ASEB Datasheet
252Kb / 16P
Low-Cost Watt-Hour Energy Meter
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
Single Phase Energy Meter IC
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com