| Electronic Components Datasheet Search |
|
TSB41BA3IPFP Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSB41BA3IPFP Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 63 page ![]() TSB41BA3 IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER SLLS155A − MAY 2003 − REVISED OCTOBER 2003 36 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION (1394a-2000 INTERFACE) LLC service request (continued) NOTE: The TSB41BA3 accepts a bus request with an invalid speed code and processes the bus request normally. However, during packet transmission for such a request, the TSB41BA3 ignores any data presented by the LLC and transmits a null packet. For a read register request the length of the LREQ bit stream is 9 bits as shown in Table 17. Table 17. Read Register Request BIT(s) NAME DESCRIPTION 0 Start bit Indicates the beginning of the transfer (always 1) 1−3 Request type A 100 indicating this is a read register request 4−7 Address Identifies the address of the PHY register to be read 8 Stop bit Indicates the end of the transfer (always 0) For a write register request, the length of the LREQ bit stream is 17 bits as shown in Table 18. Table 18. Write Register Request BIT(s) NAME DESCRIPTION 0 Start bit Indicates the beginning of the transfer (always 1) 1−3 Request type A 101 indicating this is a write register request 4−7 Address Identifies the address of the PHY register to be written to 8−15 Data Gives the data that is to be written to the specified register address 16 Stop bit Indicates the end of the transfer (always 0) For an acceleration control request, the length of the LREQ data stream is 6 bits as shown in Table 19. Table 19. Acceleration Control Request BIT(s) NAME DESCRIPTION 0 Start bit Indicates the beginning of the transfer (always 1) 1−3 Request type A 110 indicating this is an acceleration control request 4 Control Asynchronous period arbitration acceleration is enabled if 1, and disabled if 0 5 Stop bIt Indicates the end of the transfer (always 0) For fair or priority access, the LLC sends the bus request (FairReq or PriReq) at least one clock after the PHY-LLC interface becomes idle. If the CTL terminals are asserted to the receive state (10b) by the PHY, then any pending fair or priority request is lost (cleared). Additionally, the PHY ignores any fair or priority requests if the receive state is asserted while the LLC is sending the request. The LLC may then reissue the request one clock after the next interface idle. The cycle master node uses a priority bus request (PriReq) to send a cycle start message. After receiving or transmitting a cycle start message, the LLC can issue an isochronous bus request (IsoReq). The PHY clears an isochronous request only when the serial bus has been won. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |