Electronic Components Datasheet Search
  English  ▼

X  

TSB41BA3IPFP Datasheet(PDF) 46 Page - Texas Instruments

Part # TSB41BA3IPFP
Description  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3IPFP Datasheet(HTML) 46 Page - Texas Instruments

Back Button TSB41BA3IPFP Datasheet HTML 42Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 43Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 44Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 45Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 46Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 47Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 48Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 49Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a-2000 INTERFACE)
interface reset and disable (continued)
SYSCLK
ISO
(high)
(a)
(c)
(b)
CTL0
D0 − D7
LREQ
LPS
(d)
TCLK_ACTIVATE
CTL1
7 Cycles
Figure 21. Interface Initialization
The sequence of events for initialization of the PHY-LLC is as follows:
(a) LPS reasserted. After the interface has been in the reset or disabled state for at least the minimum
TRESTORE time, the LLC causes the interface to be initialized and restored to normal operation by
reasserting the LPS signal. (In the above diagram, the interface is shown in the disabled state with PCLK
low inactive. However, the interface initialization sequence described here is also executed if the interface
is merely reset but not yet disabled.)
(b) PCLK activated. If the interface is disabled, then the PHY reactivates its PCLK output when it detects that
LPS has been reasserted. If the PHY has entered a low-power state, then it takes between 5.3 to 7.3 ms
for PCLK to be restored; if the PHY is not in a low-power state, then the PCLK is restored within 60 ns. The
PCLK output is a 50% duty cycle square wave with a frequency of 49.152 MHz
±100 ppm (period of
20.345 ns). During the first 7 cycles of PCLK, the PHY continues to drive the CTL and D terminals low. The
LLC is also required to drive its CTL and D outputs low for 1 of the first 6 cycles of PCLK but to otherwise
place its CTL and D outputs in a high-impedance state. The LLC continues to drive its LREQ output low
during this time.
(c) Receive indicated. Upon the eighth PCLK cycle following reassertion of LPS, the PHY asserts the receive
state on the CTL lines and the data-on indication (all 1s) on the D lines for one or more cycles.
(d) Initialization complete. The PHY asserts the idle state on the CTL lines and logic 0 on the D lines. This
indicates that the PHY-LLC interface initialization is complete and normal operation may commence. The
PHY now accepts requests from the LLC via the LREQ line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com