Electronic Components Datasheet Search
  English  ▼

X  

TSB41BA3IPFP Datasheet(PDF) 10 Page - Texas Instruments

Part # TSB41BA3IPFP
Description  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3IPFP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSB41BA3IPFP Datasheet HTML 6Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 7Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 8Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 9Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 10Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 11Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 12Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 13Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
S5_LKON_DS2
CMOS
2
I/O
Port sleep/mode selection terminal 5 and link-on output. This terminal may be connected to the link-
on input terminal of the LLC through a 1-k
Ω resistor if the link-on input is available on the link layer.
On hardware reset, this terminal when used with the other 5 selection pins allows the user to select
the speed and mode of the ports. See Table 1. A bus holder is built into this terminal.
After hardware reset, this terminal is the link-on output, which notifies the LLC or other power-up
logic to power up and become active. The link-on output is a square wave signal with a period of
approximately 163 ns (8 PCLK cycles) when active. The link-on output is otherwise driven low, ex-
cept during hardware reset when it is high impedance.
The link-on output is activated if the LLC is inactive (the LPS input inactive or the LCtrl bit cleared)
and when one:
a) The PHY receives a link-on PHY packet addressed to this node
b) The PEI (port-event interrupt) register bit is 1, or
c) Any of the CTOI (configuration-timeout interrupt), CPSI (cable-power-status interrupt), or
d) The PHY is power cycled and the power class is 0 through 4
Once activated, the link-on output is active until the LLC becomes active (both the LPS input active
and the LCtrl bit set). The PHY also deasserts the link-on output when a bus-reset occurs unless the
link-on output is otherwise active because one of the interrupt bits is set (that is, the link-on output is
active due solely to the reception of a link-on PHY packet).
In the case of power cycling the PHY, the LKON signal must stop after 167
µs if the above conditions
have not been met.
NOTE: If an interrupt condition exists which otherwise causes the link-on output to be activated if
the LLC were inactive, then the link-on output is activated when the LLC subsequently becomes
inactive.
TESTM
CMOS
78
I
Test control input. This input is used in the manufacturing test of the TSB41BA3. For normal use this
terminal must be pulled high through a 1-k
Ω resistor to VDD.
TPA0−
TPA0+
TPB0−
TPB0+
Cable
45,
46,
41,
42
I/O
Port 0 twisted-pair differential-signal terminals. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the cable connector. Please request the S800 1394b layout
recommendations document from your TI representative.
TPA1−
TPA1+
TPB1−
TPB1+
Cable
52
53
48
49
I/O
Port 1 twisted-pair differential-signal terminals. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the cable connector. Please request the S800 1394b layout
recommendations document from your TI representative.
TPA2−
TPA2+
TPB2−
TPB2+
Cable
58
59
55
56
I/O
Port 2 twisted-pair differential-signal terminals. Board traces from each pair of positive and negative
differential signal terminals must be kept matched and as short as possible to the external load
resistors and to the cable connector. Please request the S800 1394b layout recommendations
document from your TI representative.
TPBIAS0_SD0
TPBIAS1_SD1
TPBIAS2_SD2
Cable
In
47
54
60
I/O
Twisted-pair bias output and signal detect input. This provides the 1.86-V nominal bias voltage
needed for proper operation of the twisted-pair cable drivers and receivers, and for signaling to the
remote nodes that there is an active cable connection in 1394a-2000 mode. Each of these
terminals, except for an unused port, must be decoupled with a 1.0-
µF capacitor to ground. For the
unused port, this terminal can be left unconnected.
When a port is configured as a beta mode port (B1, B2, B4) this terminal becomes an input and must
be high when a valid signal is present. For optical transceivers the signal detect of the transceiver
must be connected to this terminal. The input is an LVCMOS level input.
VREG_PD
CMOS
73
I
Voltage regulator powerdown input. When asserted logic high, this pin powers down the internal
3.3-V-to-1.8-V regulator. For single-supply (3.3-V only) operation, this pin must be tied to GND.
XI
XO
Crystal
27
26
I
O
Crystal oscillator inputs. These terminals connect to a 49.152-MHz parallel resonant fundamental
mode crystal. The optimum values for the external shunt capacitors are dependent on the
specifications of the crystal used (see crystal selection section in the document SLLS418A). XI is a
1.8-V CMOS input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com