Electronic Components Datasheet Search
  English  ▼

X  

TSB41BA3IPFP Datasheet(PDF) 58 Page - Texas Instruments

Part # TSB41BA3IPFP
Description  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3IPFP Datasheet(HTML) 58 Page - Texas Instruments

Back Button TSB41BA3IPFP Datasheet HTML 54Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 55Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 56Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 57Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 58Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 59Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 60Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 61Page - Texas Instruments TSB41BA3IPFP Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394B INTERFACE)
transmit (continued)
Table 37. Link Request Type Encoding During Packet Transmission
D1−D3
Request Type
000
No request
001
Isoch_Req_Odd
010
Isoch_Req_Even
011
Current
100
Next_Even
101
Next_Odd
110
Cyc_Start_Req
111
Reserved
Table 38. Link Request Speed Code Encoding During Packet Transmission
D5−D6
DATA RATE
00
S100
01
S200
10
S400
11
S800
Table 39. Link Request Format Encoding During Packet Transmission
D0
FORMAT
0
Link does not request either beta or legacy packet format for bus transmission
1
Link requests beta packet format for bus transmission
Table 40. Subaction End Notification Encoding During Packet Transmission
D4
DESCRIPTION
0
Transmitted packet does not represent end of a subaction
1
Transmitted packet marks the end of a subaction
The PHY indicates to the link during the GRANT cycle which type of grant is being issued. This indication
includes the grant type as well as the grant speed. The link uses the bus grant for transmitting the granted packet
type. The link transmits a granted packet type only if its request type exactly matches the granted speed and
the granted format.
Table 41. Format Type During Grant Cycle
D0 VALUE DURING GRANT
CYCLE
FORMAT
0
Unspecified
1
Beta format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com